Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN352AP Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN352AP
Description  Single P-Channel, PowerTrench
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN352AP Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN352AP Datasheet HTML 1Page - Fairchild Semiconductor FDN352AP Datasheet HTML 2Page - Fairchild Semiconductor FDN352AP Datasheet HTML 3Page - Fairchild Semiconductor FDN352AP Datasheet HTML 4Page - Fairchild Semiconductor FDN352AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FDN352AP Rev. C
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
(a) RθJA = 250°C/W when mounted on a 0.02 in
2 pad of 2oz. copper.
(b) RθJA = 270°C/W when mounted on a 0.001 in
2 pad of 2oz. copper.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Electrical Characteristics TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250 µA
–30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature Coefficient
ID = –250 µA, Referenced to 25°C
–17
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V, VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±25V, VDS = 0 V
±100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250 µA
–0.8
–2.0
–2.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V, ID = –1.3 A
VGS = –4.5 V, ID = –1.1 A
VGS = –4.5 V, ID = –1.1 A, TJ = 125°C
150
250
330
180
300
400
m
gFS
Forward Transconductance
VDS = –5 V, ID = –0.9 A
2.0
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –15 V, VGS = 0 V, f = 1.0 MHz
150
pF
Coss
Output Capacitance
40
pF
Crss
Reverse Transfer Capacitance
20
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
VDD = –10 V, ID = –1 A,
VGS = –10 V, RGEN = 6 Ω
48
ns
tr
Turn–On Rise Time
15
28
ns
td(off)
Turn–Off Delay Time
10
18
ns
tf
Turn–Off Fall Time
12
ns
Qg
Total Gate Charge
VDS = –10V, ID = –0.9 A,
VGS = –4.5 V
1.4
1.9
nC
Qgs
Gate–Source Charge
0.5
nC
Qgd
Gate–Drain Charge
0.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.42
A
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V, IS = –0.42 A
(Note 2)
–0.8
–1.2
V
trr
Diode Reverse Recovery Time
IF = –3.9 A,
dIF/dt = 100 A/µs
17
ns
Qrr
Diode Reverse Recovery Charge
7
nC


Numéro de pièce similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
FDN352AP-HF KEXIN-FDN352AP-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Description similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDN352AP_0508 FAIRCHILD-FDN352AP_0508 Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
ON Semiconductor
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
   Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
   Single P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDMA291P FAIRCHILD-FDMA291P Datasheet
130Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com