Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN352AP Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN352AP
Description  Single P-Channel, PowerTrench
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN352AP Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN352AP Datasheet HTML 1Page - Fairchild Semiconductor FDN352AP Datasheet HTML 2Page - Fairchild Semiconductor FDN352AP Datasheet HTML 3Page - Fairchild Semiconductor FDN352AP Datasheet HTML 4Page - Fairchild Semiconductor FDN352AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
April 2005
FDN352AP Rev. C
FDN352AP
Single P-Channel, PowerTrench® MOSFET
Features
■ –1.3 A, –30V
RDS(ON) = 180 mΩ @ VGS = –10V
–1.1 A, –30V
RDS(ON) = 300 mΩ @ VGS = –4.5V
■ High performance trench technology for extremely low
RDS(ON).
■ High power version of industry Standard SOT-23 package.
Identical pin-out to SOT-23 with 30% higher power handling
capability.
Applications
■ Notebook computer power management
General Description
This P-Channel Logic Level MOSFET is produced using Fair-
child Semiconductor advanced Power Trench process that has
been especially tailored to minimize the on-state resistance and
yet maintain low gate charge for superior switching perfor-
mance.
These devices are well suited for low voltage and battery pow-
ered applications where low in-line power loss is needed in a
very small outline surface mount package.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±25
V
ID
Drain Current
– Continuous
(Note 1a)
–1.3
A
– Pulsed
–10
PD
Power Dissipation for Single Operation
(Note 1a)
0.5
W
(Note 1b)
0.46
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
Device Marking
Device
Reel Size
Tape width
Quantity
52AP
FDN352AP
7’’
8mm
3000 units
G
SuperSOT™-3
G
S
D
D
G
S


Numéro de pièce similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
FDN352AP-HF KEXIN-FDN352AP-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Description similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDN352AP_0508 FAIRCHILD-FDN352AP_0508 Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
ON Semiconductor
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
   Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
   Single P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDMA291P FAIRCHILD-FDMA291P Datasheet
130Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com