Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN352AP Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDN352AP
Description  Single P-Channel, PowerTrench
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN352AP Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDN352AP Datasheet HTML 1Page - Fairchild Semiconductor FDN352AP Datasheet HTML 2Page - Fairchild Semiconductor FDN352AP Datasheet HTML 3Page - Fairchild Semiconductor FDN352AP Datasheet HTML 4Page - Fairchild Semiconductor FDN352AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.fairchildsemi.com
FDN352AP Rev. C
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TOANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOTASSUMEANY LIABILITY
ARISING OUT OF THEAPPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEYANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC
OPTOPLANAR™
PACMAN™
FAST
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
Rev. I15
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench
QFET
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
SILENT SWITCHER
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic
TINYOPTO™
TruTranslation™
UHC™
UltraFET
UniFET™
VCX™
Across the board. Around the world.™
The Power Franchise
Programmable Active Droop™


Numéro de pièce similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN352AP FAIRCHILD-FDN352AP Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN352AP KEXIN-FDN352AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
FDN352AP UMW-FDN352AP Datasheet
448Kb / 5P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
FDN352AP-3 KEXIN-FDN352AP-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
FDN352AP-HF KEXIN-FDN352AP-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Description similaire - FDN352AP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDN352AP_0508 FAIRCHILD-FDN352AP_0508 Datasheet
123Kb / 5P
   Single P-Channel, PowerTrench MOSFET
logo
ON Semiconductor
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
   Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
   Single P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDMA291P FAIRCHILD-FDMA291P Datasheet
130Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com