Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3562AR Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3562AR
Description  LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3562AR Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3562AR Datasheet HTML 1Page - Sony Corporation CXA3562AR Datasheet HTML 2Page - Sony Corporation CXA3562AR Datasheet HTML 3Page - Sony Corporation CXA3562AR Datasheet HTML 4Page - Sony Corporation CXA3562AR Datasheet HTML 5Page - Sony Corporation CXA3562AR Datasheet HTML 6Page - Sony Corporation CXA3562AR Datasheet HTML 7Page - Sony Corporation CXA3562AR Datasheet HTML 8Page - Sony Corporation CXA3562AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
CXA3562AR
1.5 to 13.5V
1.0 to 5.0V
High:
≥2.0V
Low:
≤0.8V
3.2V
3.2V
High:
≥2.0V
Low:
≤0.8V
Open: Low
I
F/H_CNT
70
O
VREF_O
69
I
VREF_I
68
I
PRG
60
I
PRG_LV
SID_LV
58
59
O
SID_OUTX
SID_OUT
56
57
VCC
GND
145
100k
56
57
100k
0.2p
0.2p
VDD
VCC
GND
50k
29µ
58
50k
59
VDD
VCC
GND
10k
60
100k
50
µ
VDD
GND
1k
68
280µ
70µ
10µ
33.3k
VDD
GND
69
20µ
2k
20k
12.4k
VDD
GND
192
50k
70
200k
Pin
No.
Symbol
I/O
Standard
voltage level
Equivalent circuit
Description
Precharge waveform output.
SID_OUTX outputs the inverse
of SID_OUT based on the
output center voltage. These
pins cannot directly drive the
LCD panel, so input to the LCD
panel with an external a buffer.
Precharge level setting.
Adjusts the SID_OUT and
SID_OUTX output potential.
PRG_LV is reflected when the
PRG input pin (Pin 60) is high,
and SID_LV is reflected when
PRG is low.
Timing pulse input for switching
the Pins 56 and 57 output levels.
(See PRG_LV (Pin 58) and
SID_LV (Pin 59).)
Internal D/A converter reference
voltage input.
Normally connect directly to
VREF_O.
Reference voltage output.
Normally connect directly to
VREF_I, and connect to GND
through a 0.5 to 1.0µF capacitor.
SH_OUT output timing selection.
High: SH_OUT1 to SH_OUT6
and SH_OUT7 to SH_OUT12
are output at different timing.
Low: SH_OUT1 to SH_OUT12
are output at the same timing.


Numéro de pièce similaire - CXA3562AR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
More results

Description similaire - CXA3562AR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com