Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZNUD3112LT1G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce SZNUD3112LT1G
Description  Integrated Relay, Inductive Load Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3112LT1G Fiches technique(HTML) 2 Page - ON Semiconductor

  SZNUD3112LT1G Datasheet HTML 1Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3112LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NUD3112
www.onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
VDSS
Drain to Source Voltage – Continuous
14
Vdc
VGS
Gate to Source Voltage – Continuous
6
Vdc
ID
Drain Current – Continuous
500
mA
Ez
Single Pulse Drain−to−Source Avalanche Energy (
TJinitial = 25°C)
50
mJ
TJ
Junction Temperature
150
°C
TA
Operating Ambient Temperature
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
PD
Total Power Dissipation (Note 1)
SOT−23
Derating Above 25°C
225
1.8
mW
mW/°C
PD
Total Power Dissipation (Note 1)
SC−74
Derating Above 25°C
380
3.0
mW
mW/°C
RqJA
Thermal Resistance Junction−to−Ambient (Note 1)
SOT−23
SC−74
556
329
°C/W
ESD
Human Body Model (HBM) According to EIA/JESD22/A114
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Mounted onto minimum pad board.
TYPICAL ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
VBRDSS
Drain to Source Sustaining Voltage (Internally Clamped)
(ID = 10 mA)
14
16
17
V
BVGSO
Ig = 1.0 mA
8
V
IDSS
Drain to Source Leakage Current
(VDS = 12 V , VGS = 0 V, TA = 25°C)
(VDS = 12 V, VGS = 0 V, TA = 85°C)
20
40
mA
IGSS
Gate Body Leakage Current
(VGS = 3.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V)
35
65
mA
ON CHARACTERISTICS
VGS(th)
Gate Threshold Voltage
(VGS = VDS, ID = 1.0 mA)
(VGS = VDS, ID = 1.0 mA, TA = 85°C)
0.8
0.8
1.2
1.4
1.4
V
RDS(on)
Drain to Source On−Resistance
(ID = 250 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 5.0 V)
(ID = 500 mA, VGS = 3.0 V, TA=85°C)
(ID = 500 mA, VGS = 5.0 V, TA=85°C)
1.2
1.3
0.9
1.3
0.9
W
IDS(on)
Output Continuous Current
(VDS = 0.25 V, VGS = 3.0 V)
(VDS = 0.25 V, VGS = 3.0 V, TA = 85°C)
300
200
400
mA
gFS
Forward Transconductance
(VOUT = 12.0 V, IOUT = 0.25 A)
350
490
mmhos


Numéro de pièce similaire - SZNUD3112LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
SZNUD3105DMT1G ONSEMI-SZNUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
SZNUD3124 ONSEMI-SZNUD3124 Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
More results

Description similaire - SZNUD3112LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com