Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCV857BIDGG Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CDCV857BIDGG
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCV857BIDGG Fiches technique(HTML) 4 Page - Texas Instruments

  CDCV857BIDGG Datasheet HTML 1Page - Texas Instruments CDCV857BIDGG Datasheet HTML 2Page - Texas Instruments CDCV857BIDGG Datasheet HTML 3Page - Texas Instruments CDCV857BIDGG Datasheet HTML 4Page - Texas Instruments CDCV857BIDGG Datasheet HTML 5Page - Texas Instruments CDCV857BIDGG Datasheet HTML 6Page - Texas Instruments CDCV857BIDGG Datasheet HTML 7Page - Texas Instruments CDCV857BIDGG Datasheet HTML 8Page - Texas Instruments CDCV857BIDGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CDCV857B, CDCV857BI
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS689 − FEBRUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
DGG
GQL
DESCRIPTION
AGND
17
H1
Ground for 2.5
-V analog supply
AVDD
16
G2
2.5
-V Analog supply
CLK, CLK
13, 14
F1, F2
I
Differential clock input
FBIN, FBIN
35, 36
F5, F6
I
Feedback differential clock input
FBOUT, FBOUT
32, 33
H6, G5
O
Feedback differential clock output
GND
1, 7, 8, 18,
24, 25, 31,
41, 42, 48
A3, A4,
C1, C2,
C5, C6,
H2, H5,
K3, K4
Ground
PWRDWN
37
E6
I
Output enable for Y and Y
VDDQ
4, 11, 12,
15, 21, 28,
34, 38, 45
B3, B4,
E1, E2,
E5, G1,
G6, J3, J4
2.5-V Supply
Y[0:9]
3, 5, 10,
20, 22, 27,
29, 39, 44,
46
A1, B2,
D1, J2,
K1, A6,
B5, D6,
J5, K6
O
Buffered output copies of input clock, CLK
Y[0:9]
2, 6, 9, 19,
23, 26, 30,
40, 43, 47
A2, B1,
D2, J1,
K2, A5,
B6, D5,
J6, K5
O
Buffered output copies of input clock, CLK
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VDDQ, AVDD
0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Notes 1 and 2)
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current to GND or VDDQ
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): GQL package
137.6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
2. This value is limited to 3.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.


Numéro de pièce similaire - CDCV857BIDGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV857BIDGG TI1-CDCV857BIDGG Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGG TI1-CDCV857BIDGG Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGG4 TI1-CDCV857BIDGGG4 Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGG4 TI1-CDCV857BIDGGG4 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGR TI1-CDCV857BIDGGR Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Description similaire - CDCV857BIDGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com