Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2870ACPZ-RL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADN2870ACPZ-RL
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2870ACPZ-RL Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADN2870ACPZ-RL Datasheet HTML 6Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 7Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 8Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 9Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 10Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 11Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 12Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 13Page - Analog Devices ADN2870ACPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADN2870
Rev. 0 | Page 10 of 20
80
120
115
110
105
100
95
90
85
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (
°C)
Figure 17. IBIAS/IBMON Gain vs. Temperature, Ibias = 20 mA
OC48 PRBS31
DATA TRANSMISSION
t_OFF LESS THAN 1µs
ALS
Figure 18. ALS Assert Time, 5 µs/div
ALS
t_ON
OC48 PRBS31
DATA TRANSMISSION
Figure 19. ALS Negate Time, 200 µs/div
40
44
48
52
56
60
42
46
50
54
58
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (
°C)
Figure 20. IMOD/IMMON Gain vs. Temperature, Imod = 30 mA
FAULT FORCED ON PAVSET
FAIL ASSERTED
Figure 21. FAIL Assert Time,1 µs/div
POWER SUPPLY TURN ON
TRANSMISSION ON
Figure 22. Time to Initialize, Including Reset, 40 ms/div


Numéro de pièce similaire - ADN2870ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Description similaire - ADN2870ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com