Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA12426 Fiches technique(PDF) 6 Page - Ledil, Inc.

No de pièce CA12426
Description  ~40째 wide beam. Assembly with holder and installation tape.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12426 Fiches technique(HTML) 6 Page - Ledil, Inc.

  CA12426_18 Datasheet HTML 1Page - Ledil, Inc. CA12426_18 Datasheet HTML 2Page - Ledil, Inc. CA12426_18 Datasheet HTML 3Page - Ledil, Inc. CA12426_18 Datasheet HTML 4Page - Ledil, Inc. CA12426_18 Datasheet HTML 5Page - Ledil, Inc. CA12426_18 Datasheet HTML 6Page - Ledil, Inc. CA12426_18 Datasheet HTML 7Page - Ledil, Inc. CA12426_18 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRODUCT
DATASHEET
CA12426_TINA3-W
PHOTOMETRIC DATA (MEASURED):
LED
LH351B
FWHM
46.0°
Efficiency
89 %
Peak intensity
1.400 cd/lm
Required components:
LED
LH351Z
FWHM
49.0°
Efficiency
89 %
Peak intensity
1.300 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
6/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Numéro de pièce similaire - CA12426_18

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA12426 LEDIL-CA12426 Datasheet
2Mb / 34P
   Tina Assembly
More results

Description similaire - CA12426_18

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA13043 LEDIL-CA13043_18 Datasheet
10Mb / 5P
   ~40째 wide beam. Assembly with holder and installation tape.
FCA15009 LEDIL-FCA15009_18 Datasheet
4Mb / 4P
   ~40째 wide beam. Assembly black holder and installation tape.
CA16129 LEDIL-CA16129_18 Datasheet
5Mb / 9P
   ~40째 wide beam with flange. Assembly with holder and installation tape.
CA13044 LEDIL-CA13044_18 Datasheet
7Mb / 4P
   ~60째 40째 oval beam. Assembly with holder and installation tape.
CA12429 LEDIL-CA12429 Datasheet
3Mb / 6P
   ~60째 40째 oval beam. Assembly with holder and installation tape.
CA12892 LEDIL-CA12892_18 Datasheet
10Mb / 5P
   ~55째 wide beam. Assembly with holder and installation tape.
CA16205 LEDIL-CA16205 Datasheet
7Mb / 7P
   ~1240째 oval beam with holder and installation tape
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
   ~70째 wide beam. Assembly with holder and installation tape.
CA12427 LEDIL-CA12427 Datasheet
6Mb / 8P
   ~55째 wide beam. Assembly with holder and installation tape.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
   ~60째 wide beam. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com