Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6636 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD6636
Description  150 MSPS Wideband Digital Down-Converter (DDC)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6636 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD6636 Datasheet HTML 2Page - Analog Devices AD6636 Datasheet HTML 3Page - Analog Devices AD6636 Datasheet HTML 4Page - Analog Devices AD6636 Datasheet HTML 5Page - Analog Devices AD6636 Datasheet HTML 6Page - Analog Devices AD6636 Datasheet HTML 7Page - Analog Devices AD6636 Datasheet HTML 8Page - Analog Devices AD6636 Datasheet HTML 9Page - Analog Devices AD6636 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AD6636
Rev. 0 | Page 6 of 72
GENERAL TIMING CHARACTERISTICS
Table 3. General Timing Characteristics1, 2
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLK TIMING REQUIREMENTS
tCLK
CLKx Period (x = A, B, C, D)
Full
I
6.66
ns
tCLKL
CLKx Width Low (x = A, B, C, D)
Full
IV
1.71
0.5 × tCLK
ns
tCLKH
CLKx Width High (x = A, B, C, D)
Full
IV
1.70
0.5 × tCLK
ns
tCLKSKEW
CLKA to CLKx Skew (x = B, C, D)
Full
IV
tCLK − 1.3
ns
INPUT WIDEBAND DATA TIMING REQUIREMENTS
Full
IV
tSI
INx [15:0] to
↑CLKx Setup Time (x = A, B, C, D)
Full
IV
0.75
ns
tHI
INx [15:0] to
↑CLKx Hold Time (x = A, B, C, D)
Full
IV
1.13
ns
tSEXP
EXPx [2:0] to
↑CLKx Setup Time (x = A, B, C, D)
Full
IV
3.37
ns
tHEXP
EXPx [2:0] to
↑CLKx Hold Time (x = A, B, C, D)
Full
IV
1.11
ns
tDEXP
↑CLKx to EXPx[2:0] Delay (x = A, B, C, D)
Full
IV
5.98
10.74
ns
PARALLEL OUTPUT PORT TIMING REQUIREMENTS (MASTER)
tDPREQ
↑PCLK to ↑Px REQ Delay (x = A, B, C)
Full
IV
1.77
3.86
ns
tDPP
↑PCLK to Px [15:0] Delay (x = A, B, C)
Full
IV
2.07
5.29
ns
tDPIQ
↑PCLK to Px IQ Delay (x = A, B, C)
Full
IV
0.48
5.49
ns
tDPCH
↑PCLK to Px CH[2:0] Delay (x = A, B, C)
Full
IV
0.38
5.35
ns
tDPGAIN
↑PCLK to Px Gain Delay (x = A, B, C)
Full
IV
0.23
4.95
ns
tSPA
Px ACK to
↑PCLK Setup Time (x = A, B, C)
Full
IV
4.59
ns
tHPA
Px ACK to
↑PCLK Hold Time (x = A, B, C)
Full
IV
0.90
ns
PARALLEL OUTPUT PORT TIMING REQUIREMENTS (SLAVE)
tPCLK
PCLK Period
Full
IV
5.0
ns
tPCLKL
PCLK Low Period
Full
IV
1.7
0.5 × tPCLK
ns
tPCLKH
PCLK High Period
Full
IV
0.7
0.5 × tPCLK
ns
tDPREQ
↑PCLK to ↑Px REQ Delay (x = A, B, C)
Full
IV
4.72
8.87
ns
tDPP
↑PCLK to Px [15:0] Delay (x = A, B, C)
Full
IV
4.8
8.48
ns
tDPIQ
↑PCLK to Px IQ Delay (x = A, B, C)
Full
IV
4.83
10.94
ns
tDPCH
↑PCLK to Px CH[2:0] Delay (x = A, B, C)
Full
IV
4.88
10.09
ns
tDPGAIN
↑PCLK to Px Gain Delay (x = A, B, C)
Full
IV
5.08
11.49
ns
tSPA
Px ACK to
↓PCLK Setup Time (x = A, B, C)
Full
IV
6.09
ns
tHPA
Px ACK to
↓PCLK Hold Time (x = A, B, C)
Full
IV
1.0
ns
MISC PINS TIMING REQUIREMENTS
tRESET
RESET Width Low
Full
IV
30
ns
tDIRP
CPUCLK/SCLK to IRP Delay
Full
V
7.5
ns
tSS
SYNC(0, 1, 2, 3) to
↑CLKA Setup Time
Full
IV
0.87
ns
tHS
SYNC(0, 1, 2, 3) to
↑CLKA Hold Time
Full
IV
0.67
ns
1 All timing specifications are valid over the VDDCORE range of 1.7 V to 1.9 V and the VDDIO range of 3.0 V to 3.6 V.
2 CLOAD = 40 pF on all outputs, unless otherwise noted.


Numéro de pièce similaire - AD6636

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
More results

Description similaire - AD6636

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com