Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A8431 Fiches technique(PDF) 3 Page - Allegro MicroSystems

No de pièce A8431
Description  White LED Driver Constant Current Step-up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8431 Fiches technique(HTML) 3 Page - Allegro MicroSystems

  A8431 Datasheet HTML 1Page - Allegro MicroSystems A8431 Datasheet HTML 2Page - Allegro MicroSystems A8431 Datasheet HTML 3Page - Allegro MicroSystems A8431 Datasheet HTML 4Page - Allegro MicroSystems A8431 Datasheet HTML 5Page - Allegro MicroSystems A8431 Datasheet HTML 6Page - Allegro MicroSystems A8431 Datasheet HTML 7Page - Allegro MicroSystems A8431 Datasheet HTML 8Page - Allegro MicroSystems A8431 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
26185.301
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A8431
White LED Driver Constant Current Step-up Converter
Operating Characteristics
Using Typical Application Circuit (Schematic 1)
Quiescent Current versus Input Voltage
0
0.5
1.0
1.5
2.0
2.5
02468
10
VIN (V)
Feedback Bias Current versus Temperature
0
5
10
15
20
Temperature (°C)
Switch Pin Voltage versus Temperature
0
100
50
150
200
250
300
Temperature (°C)
Quiescent Current versus Temperature
1.90
1.95
2.00
2.05
2.10
2.15
–50
0
50
100
150
Temperature (°C)
Switching Frequency versus Temperature
1.00
1.05
1.10
1.15
1.20
1.25
Temperature (°C)
–50
0
50
100
150
–50
0
50
100
150
–50
0
50
100
150
Conversion Efficiency versus Input Voltage
70
65
75
80
85
90
95
23456789
10
VIN (V)
3 LEDs
4 LEDs
5 LEDs
Preliminary Data Sheet
Subject to Change Without Notice
April 5, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
GM2102 CONSTANT CURRENT DC/DC WHITE LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5028 16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5169 8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION 1  2  3  4  5  More List of Unclassifed Manufacturers
FAN5606 Serial LED Driver with Current-Regulated Step-Up DC/DC Converter 1  2  3  4  5  More Fairchild Semiconductor
M66503ASP 16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MBI5001 8 BIT CONSTANT CURRENT LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
STP08CL596 LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER 1  2  3  4  5  More STMicroelectronics
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn