Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A8431 Fiches technique(PDF) 2 Page - Allegro MicroSystems

No de pièce A8431
Description  White LED Driver Constant Current Step-up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8431 Fiches technique(HTML) 2 Page - Allegro MicroSystems

  A8431 Datasheet HTML 1Page - Allegro MicroSystems A8431 Datasheet HTML 2Page - Allegro MicroSystems A8431 Datasheet HTML 3Page - Allegro MicroSystems A8431 Datasheet HTML 4Page - Allegro MicroSystems A8431 Datasheet HTML 5Page - Allegro MicroSystems A8431 Datasheet HTML 6Page - Allegro MicroSystems A8431 Datasheet HTML 7Page - Allegro MicroSystems A8431 Datasheet HTML 8Page - Allegro MicroSystems A8431 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
26185.301
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A8431
White LED Driver Constant Current Step-up Converter
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
VIN
2.5
10
V
Supply Current
ISUP
Active
2.5
3.5
mA
Shutdown (EN = 0 V)
0.1
1
µA
Feedback Reference Voltage
VFB
86
95
104
mV
Feedback Input Current
IFB
–20
75
nA
Switch Current Limit
ISWLIM
300
mA
Switch Frequency
FSW
0.8
1.2
1.6
MHz
Switch Maximum Duty Cycle
D
85
90
%
Switch Saturation Voltage
VCE(SAT)
350
mV
Switch Leakage Current
ISL
VSW = 5 V
5
µA
Enable Input
Input Threshold Low
VIL
0.4
V
Input Threshold High
VIH
1.5
V
Input Leakage
Leakage
IIL
––
1
µA
Overvoltage Protection
Output Overvoltage Rising Limit
VOVPR
28
32
35
V
Output Overvoltage Falling Limit
VOVPF
27.5
31.5
34.5
V
Output Overvoltage Hysteresis
VOVPHYS
0.5
V
OVP Pin Resistance
ROVP
1.0
MΩ
Note 1. Measured with 4-layer PCB. Please refer to application note “Package Thermal Characteristics,“ for thermal perfor-
mance measurement for 2 x 3 mm MLP package for additional information.
Functional Block Diagram
VIN
FB
OVP
SW
VREF
1.25 V
OVP
GND
Driver
A2
R
S
Q
Ramp
Generator
1.2 MHz
Oscillator
R
C
C
C
A1
95 mV
Enable
EN
Σ
ELECTRICAL CHARACTERISTICS at TA = 25°C, VIN = 3 V (unless otherwise noted)
Preliminary Data Sheet
Subject to Change Without Notice
April 5, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
GM2102 CONSTANT CURRENT DC/DC WHITE LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5028 16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5169 8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION 1  2  3  4  5  More List of Unclassifed Manufacturers
FAN5606 Serial LED Driver with Current-Regulated Step-Up DC/DC Converter 1  2  3  4  5  More Fairchild Semiconductor
M66503ASP 16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MBI5001 8 BIT CONSTANT CURRENT LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
STP08CL596 LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER 1  2  3  4  5  More STMicroelectronics
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn