Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A8431 Fiches technique(PDF) 1 Page - Allegro MicroSystems

No de pièce A8431
Description  White LED Driver Constant Current Step-up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8431 Fiches technique(HTML) 1 Page - Allegro MicroSystems

  A8431 Datasheet HTML 1Page - Allegro MicroSystems A8431 Datasheet HTML 2Page - Allegro MicroSystems A8431 Datasheet HTML 3Page - Allegro MicroSystems A8431 Datasheet HTML 4Page - Allegro MicroSystems A8431 Datasheet HTML 5Page - Allegro MicroSystems A8431 Datasheet HTML 6Page - Allegro MicroSystems A8431 Datasheet HTML 7Page - Allegro MicroSystems A8431 Datasheet HTML 8Page - Allegro MicroSystems A8431 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
26185.301
A8431
White LED Driver Constant Current Step-up Converter
Use the following complete part numbers when ordering:
ABSOLUTE MAXIMUM RATINGS
SW Pin ................................................–0.3 V to 36 V
OVP Pin ..............................................–0.3 V to 36 V
Remaining Pins .................................. –0.3 V to 10 V
Ambient Operating Temperature, TA....... –40°C to 85°C
Junction Temperature, TJ(max)...............................150°C
Storage Temperature, TS .................... –55°C to 150°C
A8431 MLPD
Output voltage up to 32 V (OVP level)
2.5 V to 10 V input
Drives up to 4 LEDs at 20 mA from a 2.5 V supply
Drives up to 5 LEDs at 20 mA from a 3 V supply
1.2 MHz switching frequency
300 mA switch current limit
1 µA shutdown current
OVP pin eliminates the need for an external Zener diode on the output
FEATURES
LED backlights
Portable battery-powered equipment
Cellular phones
PDAs (Personal Digital Assistant)
Camcorders, personal stereos, MP3 players, cameras
Mobile GPS systems
APPLICATIONS
The A8431 is a noninverting boost dc-dc converter that provides a
programmable constant current output up to 32 V for driving white
LEDs in series.The A8431 also offers an OVP (overvoltage protection)
pin. Driving the LEDs in series ensures identical currents and uniform
brightness. Up to four white LEDs can be driven at 20 mA from a single
cell Li-ion or a multicell NiMH power source. Up to two parallel strings
of eight white LEDs can be driven at 20 mA by increasing the supply
voltage up to 10 V.
The A8431 incorporates a power switch and a feedback sense amplifier
to provide a solution with minimum external components. The output
current can be set by adjusting a single external sense resistor and can
be varied with a voltage or a filtered PWM signal when dimming con-
trol is required. The high switching frequency of 1.2 MHz allows the
use of small inductor and capacitor values.
The A8431 is provided in a 0.75 mm high, 6-pin, 2 x 3 mm MLP pack-
age. It is lead (Pb) free, with 100% matte tin leadframe plating.
Part Number
Package
Description
A8431EEH-T
6-pin, MLPD
Pb-Free, Surface Mount
RθJA = 50 °C/W, see note 1, page 2
Approximate actual size
6
5
1
2
3
4
SW
GND
FB
VIN
OVP
EN
Preliminary Data Sheet
Subject to Change without Notice
April 5, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
GM2102 CONSTANT CURRENT DC/DC WHITE LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5028 16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL 1  2  3  4  5  More List of Unclassifed Manufacturers
MBI5169 8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION 1  2  3  4  5  More List of Unclassifed Manufacturers
FAN5606 Serial LED Driver with Current-Regulated Step-Up DC/DC Converter 1  2  3  4  5  More Fairchild Semiconductor
M66503ASP 16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MBI5001 8 BIT CONSTANT CURRENT LED DRIVER 1  2  3  4  5  More List of Unclassifed Manufacturers
STP08CL596 LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER 1  2  3  4  5  More STMicroelectronics
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn