Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11109 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74AC11109
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AC11109 Fiches technique(HTML) 4 Page - Texas Instruments

  74AC11109 Datasheet HTML 1Page - Texas Instruments 74AC11109 Datasheet HTML 2Page - Texas Instruments 74AC11109 Datasheet HTML 3Page - Texas Instruments 74AC11109 Datasheet HTML 4Page - Texas Instruments 74AC11109 Datasheet HTML 5Page - Texas Instruments 74AC11109 Datasheet HTML 6Page - Texas Instruments 74AC11109 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11109, 74AC11109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCAS450 – MARCH 1987 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
timing requirements, VCC = 3.3 V ± 0.3 V (see Figure 1)
TA = 25°C
54AC11109
74AC11109
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
70
0
70
0
70
MHz
t
Pulse duration
PRE or CLR low
5
5
5
ns
tw
Pulse duration
CLK low or CLK high
7.2
7.2
7.2
ns
t
Setup time before CLK
Data high or low
5.5
5.5
5.5
ns
tsu
Setup time before CLK
PRE or CLR inactive
2.5
2.5
2.5
ns
th
Hold time after CLK
0
0
0
ns
timing requirements, VCC = 5 V ± 0.5 V (see Figure 1)
TA = 25°C
54AC11109
74AC11109
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
100
0
100
0
100
MHz
t
Pulse duration
PRE or CLR low
4
4
4
ns
tw
Pulse duration
CLK low or CLK high
5
5
5
ns
t
Setup time before CLK
Data high or low
4.5
4.5
2.5
ns
tsu
Setup time, before CLK
PRE or CLR inactive
2
2
2
ns
th
Hold time, after CLK
0
0
0
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11109
74AC11109
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
70
100
70
70
MHz
tPLH
PRE or CLR
QorQ
1.5
6.5
9
1.5
10.5
1.5
9.9
ns
tPHL
PRE or CLR
Q or Q
1.5
8
12.6
1.5
14.4
1.5
13.7
ns
tPLH
CLK
QorQ
1.5
8
11.4
1.5
13.5
1.5
12.7
ns
tPHL
CLK
Q or Q
1.5
7.5
10.5
1.5
12.7
1.5
11.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11109
74AC11109
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
100
100
MHz
tPLH
PRE or CLR
QorQ
1.5
4.5
6.5
1.5
7.6
1.5
7.1
ns
tPHL
PRE or CLR
Q or Q
1.5
5
8.6
1.5
10.2
1.5
9.6
ns
tPLH
CLK
QorQ
1.5
5.5
7.9
1.5
9.4
1.5
8.8
ns
tPHL
CLK
Q or Q
1.5
5
7.3
1.5
8.6
1.5
8.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
32
pF


Numéro de pièce similaire - 74AC11109

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11109 TI1-74AC11109 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74AC11109D TI1-74AC11109D Datasheet
104Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74AC11109DR TI1-74AC11109DR Datasheet
104Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74AC11109N TI1-74AC11109N Datasheet
104Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74AC11109 TI1-74AC11109_09 Datasheet
104Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Description similaire - 74AC11109

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54109 TI-SN54109 Datasheet
271Kb / 7P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT109 TI-CD54ACT109 Datasheet
337Kb / 10P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI1-SN54F109_15 Datasheet
563Kb / 15P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74HC109NSR TI1-SN74HC109NSR Datasheet
855Kb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS109 TI1-SN74LS109_V01 Datasheet
409Kb / 12P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
2022
SN54ALS109A TI1-SN54ALS109A_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54F109 TI-SN54F109 Datasheet
109Kb / 6P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS109A TI-SN54ALS109A Datasheet
138Kb / 9P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS109A HITACHI-HD74LS109A Datasheet
68Kb / 6P
   Dual J-K Positive-edge-triggered Flip-Flops(with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com