Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN8831 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce FAN8831
Description  Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8831 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button FAN8831 Datasheet HTML 4Page - ON Semiconductor FAN8831 Datasheet HTML 5Page - ON Semiconductor FAN8831 Datasheet HTML 6Page - ON Semiconductor FAN8831 Datasheet HTML 7Page - ON Semiconductor FAN8831 Datasheet HTML 8Page - ON Semiconductor FAN8831 Datasheet HTML 9Page - ON Semiconductor FAN8831 Datasheet HTML 10Page - ON Semiconductor FAN8831 Datasheet HTML 11Page - ON Semiconductor FAN8831 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8831
• Rev. 1.0
9
Typical Performance Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
-40
-30
-15
0
25
50
75
85
100
125
Temperature [oC]
0
20
40
60
80
100
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
RADJ[K]
Figure 20.
Boost Switch RDSON vs. Temperature
Figure 21.
% of Sine Amplitude vs. RADJ
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-30
-15
0
25
50
75
85
100
125
Temperature [oC]
RDSONN
RDSONP
0
50
100
150
200
250
300
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145 155
RT [k ]
VDD=2.7 V
VDD=3 V
VDD=5 V
Figure 22.
Full-Bridge Switch RDSON
vs. Temperature
Figure 23.
fOSC vs. RT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ROCP [k]
VDD=2.7 V
VDD=3 V
VDD=5 V
Figure 24.
IOCP vs. ROCP


Numéro de pièce similaire - FAN8831

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
More results

Description similaire - FAN8831

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN8841 ONSEMI-FAN8841 Datasheet
737Kb / 16P
   Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
June 2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com