Moteur de recherche de fiches techniques de composants électroniques |
|
TDA9884TS Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
TDA9884TS Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 55 page 2003 Nov 28 3 Philips Semiconductors Product specification I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception TDA9884TS 1 FEATURES • 5 V supply voltage • Gain controlled wide-band Vision Intermediate Frequency (VIF) amplifier, AC-coupled • Multistandard true synchronous demodulation with active carrier regeneration: very linear demodulation, good intermodulation figures, reduced harmonics, and excellent pulse response • Gated phase detector for L and L-accent standard • Fully integrated VIF Voltage Controlled Oscillator (VCO), alignment-free, frequencies switchable for all negative and positive modulated standards via I2C-bus • Digital acquisition help, VIF frequencies of 33.4, 33.9, 38.0, 38.9, 45.75, and 58.75 MHz • 4 MHz reference frequency input: signal from Phase-Locked Loop (PLL) tuning system or operating as crystal oscillator • VIF Automatic Gain Control (AGC) detector for gain control, operating as peak sync detector for negative modulated signals and as a peak white detector for positive modulated signals • Mobile mode for negative modulation AGC (VIF and SIF) provides very fast reaction time • External AGC setting via pin AGCSW; VIF-AGC and SIF-AGC monitor outputs • Precise fully digital Automatic Frequency Control (AFC) detector with 4-bit digital-to-analog converter, AFC bits readable via I2C-bus • TakeOver Point (TOP) adjustable via I2C-bus or alternatively with potentiometer • Fully integrated sound carrier trap for 4.5, 5.5, 6.0, and 6.5 MHz, controlled by FM-PLL oscillator • Sound IF (SIF) input for single reference Quasi Split Sound (QSS) mode, PLL controlled • True split sound mode for sound demodulation at low RF level • SIF-AGC for gain controlled SIF amplifier, single reference QSS mixer able to operate in high performance single reference QSS mode and in intercarrier mode, switchable via I2C-bus • AM demodulator without extra reference circuit • Alignment-free selective FM-PLL demodulator with high linearity and low noise • Four selectable I2C-bus addresses • I2C-bus control for all functions • I2C-bus transceiver with pin programmable Module Address (MAD). 2 GENERAL DESCRIPTION The TDA9884TS is an alignment-free multistandard (PAL, SECAM and NTSC) vision and sound IF signal PLL demodulator for positive and negative modulation, including sound AM and FM processing. The device is specially prepared for mobile TV applications. 3 ORDERING INFORMATION TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION TDA9884TS SSOP24 plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 |
Numéro de pièce similaire - TDA9884TS |
|
Description similaire - TDA9884TS |