Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1186T518LA Fiches technique(PDF) 4 Page - Anachip Corp

No de pièce AP1186T518LA
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1186T518LA Fiches technique(HTML) 4 Page - Anachip Corp

  AP1186T518LA Datasheet HTML 1Page - Anachip Corp AP1186T518LA Datasheet HTML 2Page - Anachip Corp AP1186T518LA Datasheet HTML 3Page - Anachip Corp AP1186T518LA Datasheet HTML 4Page - Anachip Corp AP1186T518LA Datasheet HTML 5Page - Anachip Corp AP1186T518LA Datasheet HTML 6Page - Anachip Corp AP1186T518LA Datasheet HTML 7Page - Anachip Corp AP1186T518LA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
4/8
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150
oC. Typical value refer to Tj=25oC.
Vout = Vsense.
SYM.
Parameter
Test Condition
Min. Typ. Max. Unit
Thermal
Regulation
30ms Pulse
0.01 0.02 %W
Ripple Rejection
Vctrl =5V, Vin=5V, Io=1.5A, Vadj=0V, Tj=25,
Vripple=1Vpp at 120Hz
60
70
dB
Control Pin
Current
Vadj=0V for all conditions below.
Vctrl=2.75V, Vin=2.05V, Io=1.5A
6
25
mA
Iadj Adjust Pin Current Vctrl=2.75V, Vin=2.05,Vadj=0
50
150
µA
ΘJC
Thermal
Resistance
Junction-to-Case
TO-263: Control Circuitry/Power Transistor
TO-220: Control Circuitry/Power Transistor
2.5
2.5
oC/W
NOTE:
AP1186-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable
maximum junction temperature.
Package
Max Pd.
TO-263/TO-220 2.4W~4.4W
With heat sink or amount of copper board needed.
Functional Descriptions
Introduction
The AP1186 regulator is a 5-terminal device
designed specifically to provide extremely low
dropout voltages comparable to the PNP type
without the disadvantage of the extra power
dissipation due to the base current associated with
PNP regulators. This is done by bringing out the
control pin of the regulator that provides the base
current to the power NPN and connecting it to a
voltage that is greater than the voltage present at
the Vin pin. This flexibility makes the AP1186 ideal
for applications where dual inputs are available
such as a computer motherboard with an ATX style
power supply that provides 5V and 3.3V to the
board. One such application is the new graphic chip
sets that require anywhere from 2.4V to 2.7V supply.
The AP1186-ADJ can easily be programmed with
the addition of two external resistors to any voltages
within the range of 1.25V to 15.5V. Another major
requirement of these graphic chips is the need to
switch the load current from zero to several amps in
tens of nanoseconds at the processor pins, which
translates to an approximately 300 to 500ns of
current step at the regulator. In addition, the output
voltage tolerances are also extremely tight and they
include the transient response as part of the
specification.
The AP1186 is specifically designed to meet the
fast current transient needs as well as providing an
accurate initial voltage, reducing the overall system
cost with the need for fewer number of output
capacitors. Another feature of the device is its true
remote sensing capability
that allows accurate
voltage setting at the load rather than at the device.
Output Voltage Setting
The AP1186-ADJ can be programmed to any
voltages in the range of 1.25V to 15.5V with the
addition of R1 and R2 external resistors according
to the following formula:


Numéro de pièce similaire - AP1186T518LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1186T5 DIODES-AP1186T5 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-15L-13 DIODES-AP1186T5-15L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-15L-U DIODES-AP1186T5-15L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-18L-13 DIODES-AP1186T5-18L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-18L-U DIODES-AP1186T5-18L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
More results

Description similaire - AP1186T518LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com