Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1186T515LA Fiches technique(PDF) 6 Page - Anachip Corp

No de pièce AP1186T515LA
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1186T515LA Fiches technique(HTML) 6 Page - Anachip Corp

  AP1186T515LA Datasheet HTML 1Page - Anachip Corp AP1186T515LA Datasheet HTML 2Page - Anachip Corp AP1186T515LA Datasheet HTML 3Page - Anachip Corp AP1186T515LA Datasheet HTML 4Page - Anachip Corp AP1186T515LA Datasheet HTML 5Page - Anachip Corp AP1186T515LA Datasheet HTML 6Page - Anachip Corp AP1186T515LA Datasheet HTML 7Page - Anachip Corp AP1186T515LA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
6/8
Functional Descriptions (Continued)
Thermal Design
The AP1186-XXX incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the allowable maximum
junction temperature. Although this device can
operate with junction temperatures in the range of
150
oC, it is recommended that the selected heat
sink be chosen such that during maximum
continuous load operation the junction temperature
is kept below this number. The example below
shows the steps in selecting the proper surface
mount package.
Assuming, the following conditions:
Vout=2.5V
Vin=3.3V
Vctrl=5V
Iout=1.5A DC Avg.
Calculate the maximum power dissipation using
the following equation:
Pd=Iout*(Vin-Vout)+(Iout/60)*(Vctrl-Vout)
Pd=2*(3.3-2.5)+(2/60)*(5-2.5)=1.68W
Using table below select the proper package
and the amount of copper board needed.
Package
Copper Area
ΘJA (
oC/W)
Max Pd (Ta=25
oC) Max Pd (Ta=45oC)
TO263
Pad Size-1.4”X1.4”
25-45
2.4W-4.4W
2.0W-3.6W
Note: Above table is based on the maximum junction temperature of 135
oC.
As shown in the above table, any of the two packages will do the job.
Marking Information
1186-XX
YYWWX X
Blank : Adj, 15=1.5V,
18=1.8V, 25=2.5V,
33=3.3V, 50=5.0V
TO263-5L,TO220-5L
Year : "01"=2001
"02"=2002
Xth Week : 01~52
ID Code
Blank : normal
L : Lead Free Package


Numéro de pièce similaire - AP1186T515LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1186T5 DIODES-AP1186T5 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-15L-13 DIODES-AP1186T5-15L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-15L-U DIODES-AP1186T5-15L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-18L-13 DIODES-AP1186T5-18L-13 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
AP1186T5-18L-U DIODES-AP1186T5-18L-U Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
More results

Description similaire - AP1186T515LA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com