Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA12046 Fiches technique(PDF) 3 Page - Ledil, Inc.

No de pièce CA12046
Description  ~16째 diffused spot beam optimized for Osram Golden Dragon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12046 Fiches technique(HTML) 3 Page - Ledil, Inc.

  CA12046_18 Datasheet HTML 1Page - Ledil, Inc. CA12046_18 Datasheet HTML 2Page - Ledil, Inc. CA12046_18 Datasheet HTML 3Page - Ledil, Inc. CA12046_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA12046_TINA2-D
PHOTOMETRIC DATA (MEASURED):
LED
Golden Dragon+
FWHM
10.0°
Efficiency
90 %
Peak intensity
12.500 cd/lm
Required components:
Last update: 16/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Numéro de pièce similaire - CA12046_18

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
CA12046 LEDIL-CA12046 Datasheet
60Kb / 3P
   Tina Assembly
More results

Description similaire - CA12046_18

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
CA10559 LEDIL-CA10559_18 Datasheet
1Mb / 4P
   PMMA lens with ~16째 diffused spot beam optimized for Osram Golden Dragon .
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FCN11259 LEDIL-FCN11259_18 Datasheet
1Mb / 4P
   ~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
   ~15째 spot beam optimized for Golden Dragon
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
FA10299 LEDIL-FA10299_18 Datasheet
3Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FCN11257 LEDIL-FCN11257_18 Datasheet
1Mb / 4P
   ~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com