Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA11171 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce CA11171
Description  ~14째 spot beam optimized for Nichia NS6x83.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11171 Fiches technique(HTML) 1 Page - Ledil, Inc.

  CA11171_18 Datasheet HTML 1Page - Ledil, Inc. CA11171_18 Datasheet HTML 2Page - Ledil, Inc. CA11171_18 Datasheet HTML 3Page - Ledil, Inc. CA11171_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11171_TINA2-RS
TINA2-RS
~14° spot beam optimized for Nichia NS6x83.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
11 mm
Fastening
tape
Colour
black
Box size
451 x 241 x 298 mm
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-RS
Lens
PMMA
clear
TINA2-HLD-N83-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Numéro de pièce similaire - CA11171_18

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA11171 CREE-CA11171 Datasheet
345Kb / 6P
   Tina series
More results

Description similaire - CA11171_18

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
FA10695 LEDIL-FA10695 Datasheet
1Mb / 5P
   ~14째 diffused spot beam optimized for Nichia NS6x83
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Nichia NCSxx19
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83.
CA11172 LEDIL-CA11172_18 Datasheet
3Mb / 6P
   ~16째 diffused spot beam optimized for Nichia NS6x83
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA11176 LEDIL-CA11176_18 Datasheet
3Mb / 6P
   ~60째 wide beam optimized for Nichia NS6x83.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
   ~30째 medium beam optimized for Nichia NS6x83.
CA12124 LEDIL-CA12124 Datasheet
4Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com