Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB104V03-A1 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce LB104V03-A1
Description  Liquid Crystal Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LB104V03-A1 Fiches technique(HTML) 5 Page - NXP Semiconductors

  LB104V03-A1 Datasheet HTML 1Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 2Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 3Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 4Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 5Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 6Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 7Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 8Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Product Specification
5 / 24
LB104V03
Liquid Crystal Display
Ver. 1.1
Oct. 10, 2003
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1. ABSOLUTE MAXIMUM RATINGS
Storage
Operation
10
20
30
40
50
60
70
80
0
-20
Dry Bulb Temperature [? ]
10
%
20
%
40
%
60
%
90% 80%
0
10
20
30
40
50
60
Wet Bulb
Temperature [
°C]
Units
1
%RH
90
10
HOP
Operating Ambient Humidity
1
%RH
90
10
HST
Storage Humidity
1
°C
60
-20
TST
Storage Temperature
1
°C
50
0
TOP
Operating Temperature
at 25
± 5°C
Vdc
4.0
-0.3
VCC
Power Input Voltage
Max
Min
Parameter
Notes
Values
Symbol
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39
°C Max, and no condensation of water.


Numéro de pièce similaire - LB104V03-A1

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Description similaire - LB104V03-A1

FabricantNo de pièceFiches techniqueDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com