Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6678 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF6678
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6678 Fiches technique(HTML) 1 Page - International Rectifier

  IRF6678 Datasheet HTML 1Page - International Rectifier IRF6678 Datasheet HTML 2Page - International Rectifier IRF6678 Datasheet HTML 3Page - International Rectifier IRF6678 Datasheet HTML 4Page - International Rectifier IRF6678 Datasheet HTML 5Page - International Rectifier IRF6678 Datasheet HTML 6Page - International Rectifier IRF6678 Datasheet HTML 7Page - International Rectifier IRF6678 Datasheet HTML 8Page - International Rectifier IRF6678 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
04/18/05
IRF6678
DirectFET™ Power MOSFET
Description
The IRF6678 combines the latest HEXFET® power MOSFET silicon technology with advanced DirectFETTM packaging to achieve the lowest
on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing
layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques,
when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided
cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6678 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and switching
losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of processors
operating at higher frequencies. The IRF6678 has been optimized for parameters that are critical in synchronous buck operating from 12 volt
bus converters including R
DS(on) and gate charge to minimize losses in the SyncFET socket.
PD - 96979B
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)
Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical On-Resistance vs. Gate Voltage
Low Profile (<0.7 mm)
Dual Sided Cooling Compatible
Ultra Low Package Inductance
Optimized for High Frequency Switching
Ideal for CPU Core DC-DC Converters
Optimized for for SyncFET Socket of Sync. Buck Converter
Low Conduction and Switching Losses
Compatible with Existing Surface Mount Techniques
Click on this section to link to the appropriate technical paper.
Click on this section to link to the DirectFET MOSFETs.
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.75mH, RG = 25Ω, IAS = 23A.
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple mounted to top (Drain) of part.
Notes:
SQ
SX
ST
MQ
MX
MT
DirectFET™ ISOMETRIC
MX
0
102030405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 24V
VDS= 15V
ID= 23A
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 1.7m
Ω@ 10V 2.3mΩ@ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
43nC
15nC
4.0nC
46nC
28nC
1.8V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
EAS
Single Pulse Avalanche Energy
mJ
IAR
Avalanche Current
A
Max.
24
150
240
±20
30
30
210
24
0
1
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
5
10
15
20
ID = 29A
TJ = 25°C
TJ = 125°C


Numéro de pièce similaire - IRF6678

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6678PBF IRF-IRF6678PBF Datasheet
258Kb / 10P
   DirectFET Power MOSFET
IRF6678PBF IRF-IRF6678PBF Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6678PBF IRF-IRF6678PBF_15 Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6678TRPBF IRF-IRF6678TRPBF Datasheet
258Kb / 10P
   DirectFET Power MOSFET
IRF6678TRPBF IRF-IRF6678TRPBF Datasheet
259Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

Description similaire - IRF6678

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com