Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD14538BNSR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD14538BNSR
Description  CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD14538BNSR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD14538BNSR Datasheet HTML 4Page - Texas Instruments CD14538BNSR Datasheet HTML 5Page - Texas Instruments CD14538BNSR Datasheet HTML 6Page - Texas Instruments CD14538BNSR Datasheet HTML 7Page - Texas Instruments CD14538BNSR Datasheet HTML 8Page - Texas Instruments CD14538BNSR Datasheet HTML 9Page - Texas Instruments CD14538BNSR Datasheet HTML 10Page - Texas Instruments CD14538BNSR Datasheet HTML 11Page - Texas Instruments CD14538BNSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9055701EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD14538BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD14538BF
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD14538BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD14538BM
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD14538BM96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD14538BMT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD14538BNSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD14538BPW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD14538BPWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Numéro de pièce similaire - CD14538BNSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD14538BNSR TI1-CD14538BNSR Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BNSR TI1-CD14538BNSR Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BNSRE4 TI1-CD14538BNSRE4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BNSRE4 TI1-CD14538BNSRE4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BNSRG4 TI1-CD14538BNSRG4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
More results

Description similaire - CD14538BNSR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com