Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD24AN06LA0 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDD24AN06LA0
Description  N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD24AN06LA0 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FDD24AN06LA0 Datasheet HTML 2Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 9Page - Fairchild Semiconductor FDD24AN06LA0 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD24AN06LA0 Rev. A1
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
VDD
Qg(TH)
VGS = 1V
Qgs2
Qg(TOT)
VGS = 5V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


Numéro de pièce similaire - FDD24AN06LA0

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0_11 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 36A, 24m廓
More results

Description similaire - FDD24AN06LA0

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
logo
List of Unclassifed Man...
CMT60N03 ETC-CMT60N03 Datasheet
307Kb / 8P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT70N03 ETC1-CMT70N03 Datasheet
208Kb / 4P
   N CHANNEL LOGIC LEVEL POWER MOSFET
CMT60N06 ETC-CMT60N06 Datasheet
277Kb / 8P
   N-CHANNEL Logic Level POWER MOSFET
logo
Champion Microelectroni...
CMT60N03G CHAMP-CMT60N03G Datasheet
219Kb / 5P
   N-CHANNEL Logic Level Power MOSFET
CMT60N06G CHAMP-CMT60N06G Datasheet
478Kb / 7P
   N-CHANNEL Logic Level Power MOSFET
logo
Fairchild Semiconductor
RFD3055LESM9A FAIRCHILD-RFD3055LESM9A Datasheet
1Mb / 8P
   N-Channel Logic Level Power MOSFET
FDM606P FAIRCHILD-FDM606P Datasheet
146Kb / 6P
   P-Channel 1.8V Logic Level Power Trench MOSFET
FDD6632 FAIRCHILD-FDD6632_04 Datasheet
267Kb / 11P
   N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com