Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP1186 Fiches technique(PDF) 6 Page - Anachip Corp

No de pièce AP1186
Description  1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP1186 Fiches technique(HTML) 6 Page - Anachip Corp

  AP1186 Datasheet HTML 1Page - Anachip Corp AP1186 Datasheet HTML 2Page - Anachip Corp AP1186 Datasheet HTML 3Page - Anachip Corp AP1186 Datasheet HTML 4Page - Anachip Corp AP1186 Datasheet HTML 5Page - Anachip Corp AP1186 Datasheet HTML 6Page - Anachip Corp AP1186 Datasheet HTML 7Page - Anachip Corp AP1186 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1186
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.7, 2004
6/8
Functional Descriptions (Continued)
Thermal Design
The AP1186-XXX incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the allowable maximum
junction temperature. Although this device can
operate with junction temperatures in the range of
150
oC, it is recommended that the selected heat
sink be chosen such that during maximum
continuous load operation the junction temperature
is kept below this number. The example below
shows the steps in selecting the proper surface
mount package.
Assuming, the following conditions:
Vout=2.5V
Vin=3.3V
Vctrl=5V
Iout=1.5A DC Avg.
Calculate the maximum power dissipation using
the following equation:
Pd=Iout*(Vin-Vout)+(Iout/60)*(Vctrl-Vout)
Pd=2*(3.3-2.5)+(2/60)*(5-2.5)=1.68W
Using table below select the proper package
and the amount of copper board needed.
Package
Copper Area
ΘJA (
oC/W)
Max Pd (Ta=25
oC) Max Pd (Ta=45oC)
TO263
Pad Size-1.4”X1.4”
25-45
2.4W-4.4W
2.0W-3.6W
Note: Above table is based on the maximum junction temperature of 135
oC.
As shown in the above table, any of the two packages will do the job.
Marking Information
1186-XX
YYWWX X
Blank : Adj, 15=1.5V,
18=1.8V, 25=2.5V,
33=3.3V, 50=5.0V
TO263-5L,TO220-5L
Year : "01"=2001
"02"=2002
Xth Week : 01~52
ID Code
Blank : normal
L : Lead Free Package


Html Pages

1  2  3  4  5  6  7  8