Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL50073 Fiches technique(PDF) 1 Page - Zarlink Semiconductor Inc

No de pièce ZL50073
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50073 Fiches technique(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50073 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004-2005, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• 32,768 channel x 32,768 channel non-blocking
digital Time Division Multiplex (TDM) switch at
65.536 Mbps, 32.768 Mbps and 16.384 Mbps or
using a combination of rates
• 16,384 channel x 16,384 channel non-blocking
digital TDM switch at 8.192 Mbps
• High jitter tolerance with multiple input clock
sources and frequencies
• Up to 128 serial TDM input streams, divided into
32 groups with 4 input streams per group
• Up to 128 serial TDM output streams, divided into
32 groups with 4 output streams per group
• Per-group input and output data rate conversion
selection at 65.536 Mbps, 32.768 Mbps,
16.384 Mbps and 8.192 Mbps. Input and output
data group rates can differ
• Per-group input bit delay for flexible sampling
point selection
• Per-group output fractional bit advancement
• Four sets of output timing signals for interfacing
additional devices
• Per-channel A-Law/
µ-Law Translation
• Per-channel constant or variable throughput delay
for frame integrity and low latency applications
• Per-stream Bit Error Rate (BER) test circuits
• Per-channel high impedance output control
• Per-channel force high output control
• Per-channel message mode
• Control interface compatible with Intel and
Motorola Selectable 32 bit and 16 bit non-
multiplexed buses
• Connection Memory block programming
• Supports ST-BUS and GCI-Bus standards for
input and output timing
• IEEE 1149.1 (JTAG) test port
• 3.3 V I/O with 5 V tolerant inputs; 1.8 V core
voltage
April 2005
Ordering Information
ZL50073GAC
484 Ball PBGA
-40
°C to +85°C
ZL50073
32 K Channel Digital Switch with High Jitter
Tolerance, Rate Conversion per Group of
4 Streams (8, 16, 32 or 64 Mbps),
and 128 Inputs and 128 Outputs
Data Sheet
Figure 1 - ZL50073 Functional Block Diagram
Test Access
VSS
VDD_IO
SToA0
PWR
Connection Memory
STiA0
ODE
Data Memory
S/P
Microprocessor Interface
SToB0
STiB0
VDD_CORE
Converter
Timing
P/S
Converter
FPi2-0
CKi2-0
CK_SEL1-0
FPo3-0
CKo3-0
Port
STiC0
STiD0
SToC0
SToD0
and Control Registers
Output
Input
Timing
Timing
STiA31
STiB31
STiC31
STiD31
:
:
SToA31
SToB31
SToC31
SToD31
:
:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ZL50070 24 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps and 96 Inputs and 96 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
ZL50050 8 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 32 Inputs and 32 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
ZL50060 16 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
ZL50051 8 K Channel Digital Switch with High Jitter Tolerance Single Rate 8 or 16 Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
MT90866 Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch 1  2  3  4  5  More Zarlink Semiconductor Inc
ZL50031 Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch 1  2  3  4  5  More Zarlink Semiconductor Inc
IDT72V73273 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1  2  3  4  5  More Integrated Device Technology
MT90863 3V Rate Conversion Digital Switch 1  2  3  4  5  More Mitel Networks Corporation
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V71623 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2 048 x 2 048 1  2  3  4  5  More Integrated Device Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn