Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV756DW Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAV756DW
Description  Surface Mount Fast Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV756DW Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAV756DW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV756DW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV756DW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface Mount Fast Switching Diodes
BAV756DW
G014
www.gmesemi.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=2.5
μA
75
V
Reverse voltage leakage current
IR
VR=75V
VR=75V,Tj=150℃
VR=25V,Tj=150℃
VR=20V
2.5
50
30
25
μA
μA
μA
nA
Forward voltage
VF
IF=1.0mA
IF=10mA
IF=50mA
IF=150mA
0.715
0.855
1.0
1.25
V
Total Capacitance
CT
VR=0V,f=1.0MHz
2.0
pF
Reverse Recovery time
trr
IF=IR=10mA,Irr=0.1*IR,
RL=100
4.0
ns
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified


Numéro de pièce similaire - BAV756DW

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
53Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. B-1
logo
DONGGUAN YOU FENG WEI E...
BAV756DW YFWDIODE-BAV756DW Datasheet
378Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Weitron Technology
BAV756DW WEITRON-BAV756DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
353Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAV756DW KEXIN-BAV756DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Description similaire - BAV756DW

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com