Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99RW Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAV99RW
Description  Dual series switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV99RW Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAV99RW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV99RW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV99RW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Dual series switching diode
BAV99RW
F007
www.gmesemi.com
Rev.A
1
FEATURES
Fast switching speed.
High conductance.
Connected in series.
Surface mount package ideally suited
for automatic insertion.
APPLICATIONS
ESD protection, polarity reversal protection,
SOT-323
Data line protection, Inductive load protection.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV99RW
F7
SOT-323
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
70
V
DC Reverse voltage
VR
70
V
Non-Repetitive forward surge current
@t=1.0s
@t=1.0ms
@t=1.0
μs
IFSM
0.5
1.0
2.0
A
Peak forward surge current
IFM(surge)
500
mA
Repetitive peak forward surge current
IFRM
450
mA
Forward continuous current
IF
215
mA
Average rectified forward current
(averaged over any 20ms period)
IF(AV)
715
mA
Power dissipation
Pd
200
mW
Thermal resistance junction-to-ambient
RθJA
625
℃/W
Operating and storage temperature range
Tj,TSTG
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BAV99RW

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
BAV99RW SEMTECH_ELEC-BAV99RW Datasheet
239Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Shenzhen Luguang Electr...
BAV99RW LUGUANG-BAV99RW Datasheet
247Kb / 2P
   Dual Series Switching Diode
logo
Diode Semiconductor Kor...
BAV99RW DSK-BAV99RW Datasheet
236Kb / 3P
   Dual series switching diode
logo
Galaxy Semi-Conductor H...
BAV99RW BILIN-BAV99RW Datasheet
175Kb / 3P
   Dual series switching diode
logo
Motorola, Inc
BAV99RWT1 MOTOROLA-BAV99RWT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
More results

Description similaire - BAV99RW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com