Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP40 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100EP40
Description  3.3V / 5V ECL Differential Phase-Frequency Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP40 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100EP40 Datasheet HTML 1Page - ON Semiconductor MC100EP40 Datasheet HTML 2Page - ON Semiconductor MC100EP40 Datasheet HTML 3Page - ON Semiconductor MC100EP40 Datasheet HTML 4Page - ON Semiconductor MC100EP40 Datasheet HTML 5Page - ON Semiconductor MC100EP40 Datasheet HTML 6Page - ON Semiconductor MC100EP40 Datasheet HTML 7Page - ON Semiconductor MC100EP40 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 8
1
Publication Order Number:
MC100EP40/D
MC100EP40
3.3V / 5VECL Differential
Phase−Frequency Detector
The MC100EP40 is a three−state phase−frequency detector
intended for phase−locked loop applications which require a minimum
amount of phase and frequency difference at lock. Advanced design
significantly reduces the dead zone of the detector. For proper
operation, the input edge rate of the R and V inputs should be less than
5 ns. The device is designed to work with a 3.3 V / 5 V power supply.
When Reference (R) and Feedback (FB) inputs are unequal in
frequency and/or phase the differential UP (U) and DOWN (D)
outputs will provide pulse streams which when subtracted and
integrated provide an error voltage for control of a VCO.
When Reference (R) and Feedback (FB) inputs are 80 ps or less in
phase difference, the Phase Lock Detect pin will indicate lock by a
high state (VOH). The VTX (VTR, VTR, VTFB, VTFB) pins offer an
internal termination network for 50
W line impedance environment
shown in Figure 2. An external sinking supply of VCC−2 V is required
on VTX pin(s). If you short the two differential VTR and VTR (or VTFB
and VTFB) together, you provide a 100
W termination resistance that is
compatible with LVDS signal receiver termination. For more
information on termination of logic devices, see AND8020.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
For more information on Phase Lock Loop operation, refer to
AND8040.
Special considerations are required for differential inputs under No
Signal conditions to prevent instability.
Maximum Frequency > 2 GHz Typical
Fully Differential
Advanced High Band Output Swing of 400 mV
Theoretical Gain = 1.11
T
rise 97 ps Typical, Ffall 70 ps Typical
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = −3.0 V to −5.5 V
50 W Internal Termination Resistor
MARKING
DIAGRAM
TSSOP−20
DT SUFFIX
CASE 948E
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
*For additional information, see Application Note
AND8002/D
100
EP40
ALYW
20
1
Device
Package
Shipping
ORDERING INFORMATION
MC100EP40DT
TSSOP−20
75 Units/Rail
MC100EP40DTR2 TSSOP−20 2500 Tape & Reel
1
20
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Numéro de pièce similaire - MC100EP40

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
MC100EP40DT ONSEMI-MC100EP40DT Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
MC100EP40DTG ONSEMI-MC100EP40DTG Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
MC100EP40DTR2 ONSEMI-MC100EP40DTR2 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
More results

Description similaire - MC100EP40

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40_14 Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY100EP140L MICREL-SY100EP140L Datasheet
481Kb / 6P
   3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com