Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSSW020AT Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce NSSW020AT
Description  SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSSW020AT Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  NSSW020AT Datasheet HTML 1Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 2Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NSSW020AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-4-
Nichia
STSE-CC4017B
<Cat.No.040512>
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Moisture Proof Package
· When moisture is absorbed into the SMT package it may vaporize and expand during soldering.
There is a possibility that this can cause exfoliation of the contacts and damage to the optical
characteristics of the LEDs.
For this reason, the moisture proof package is used to keep moisture
to a minimum in the package.
· The moisture proof package is made of an aluminum moisture proof bag with a zipper.
A package of
a moisture absorbent material (silica gel) is inserted into the aluminum moisture proof bag.
The silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within a
year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in moisture proof packages, such as sealed containers with packages of moisture absorbent
material (silica gel).
It is also recommended to return the LEDs to the original moisture proof bag
and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : more than 24 hours at 65 ± 5°C
· Nichia LED electrode and leadframe are comprised of a silver plated copper alloy.
The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the LED to corrode, tarnish or discolor.
This corrosion or discoloration might lower
solderability or might affect on optical characteristics.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NECW008AT NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW310BS SPECIFICATION FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW500BS SPECIFICATION FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
NSSM016AT NICHIA CHIP TYPE FULL COLOR LED 1  2  3  4  5  More List of Unclassifed Manufacturers
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn