Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSPL500S Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce NSPL500S
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSPL500S Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  NSPL500S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
-4-
Nichia
STSE-CW3032C
<Cat.No.031215>
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead.
The stress to the base may damage the LEDs
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of the LEDs.
If the LEDs are mounted with stress at the leads,
it causes deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are comprised of a silver plated copper alloy.
The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause
difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that measures
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V
at
IF=0.5mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSHU590B SPECIFICATIONS FOR NICHIA UV LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB310A SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPG636AS SPECIFICATIONS FOR NICHIA GREEN LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPR546CS SPECIFICATIONS FOR NICHIA RED LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB320 SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn