Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSPL500S Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce NSPL500S
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSPL500S Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  NSPL500S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
-2-
Nichia
STSE-CW3032C
<Cat.No.031215>
4.PACKAGING
· The LEDs are packed in cardboard boxes after packaging in anti-electrostatic bags.
Please refer to figure’s page.
The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity
· In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes
for transportation.
· The LEDs may be damaged if the boxes are dropped or receive a strong impact against them,
so precautions must be taken to prevent any damage.
· The boxes are not water resistant and therefore must be kept away from water and moisture.
· When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
"#$$$$ - !%
" - Year
( 3 for 2003,
4 for 2004 )
# - Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. )
$$$$ - Nichia's Product Number
! - Ranking by Color Coordinates
% - Ranking by Luminous Intensity


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSHU590B SPECIFICATIONS FOR NICHIA UV LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB310A SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPG636AS SPECIFICATIONS FOR NICHIA GREEN LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPR546CS SPECIFICATIONS FOR NICHIA RED LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB320 SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn