Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NSPL500S Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce NSPL500S
Description  SPECIFICATIONS FOR NICHIA WARM WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSPL500S Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  NSPL500S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPL500S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia
STSE-CW3032C
<Cat.No.031215>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank S
Iv
IF=20[mA]
7800
9200
11000
mcd
Rank R
Iv
IF=20[mA]
5520
6400
7800
mcd
Luminous Intensity
Rank Q
Iv
IF=20[mA]
3900
4600
5520
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=20mA,Ta=25°C)
Rank f1
x
0.4255
0.4390
0.4680
0.4970
0.4770
0.4519
y
0.4000
0.4310
0.4385
0.4466
0.4137
0.4086
Rank f2
x
0.4129
0.4255
0.4519
0.4770
0.4588
0.4355
y
0.3725
0.4000
0.4086
0.4137
0.3838
0.3785
! Color Coordinates Measurement allowance is ± 0.01.
! One delivery will include up to two color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL
INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin (over YAG Phosphor)
Leadframe
:
Ag plating
Copper Alloy
<
=
<
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSHU590B SPECIFICATIONS FOR NICHIA UV LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB310A SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPG636AS SPECIFICATIONS FOR NICHIA GREEN LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPR546CS SPECIFICATIONS FOR NICHIA RED LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPB320 SPECIFICATIONS FOR NICHIA BLUE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn