Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS19 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAS19
Description  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS19 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS19 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS19 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS19 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface mount switching diode
BAS19/20/21
C027
www.gmesemi.com
Rev.A
1
FEATURES
Fast switching speed.
Surface mount package ideally suited for
Automatic insertion.
For general purpose switching applications.
High conductance.
APPLICATIONS
High speed switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS19
JP
SOT-23
BAS20
JR
SOT-23
BAS21
JS
SOT-23
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
BAS19
BAS20
BAS21
Unit
Peak Repetitive Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Average rectified output Current
IO
200
mA
Non-Repetitive Peak Forward Surge
Current
@t=1.0
μs
@t=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient
Air
RθJA
500
℃/W
Operating Junction Temperature Range
Tj
150
Storage Temperature Range
TSTG
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BAS19

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS19 LUGUANG-BAS19 Datasheet
198Kb / 2P
   Switching Diode
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
   Silicon Switching Diodes
Aug-06-2001
logo
Diotec Semiconductor
BAS19 DIOTEC-BAS19 Datasheet
120Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
More results

Description similaire - BAS19

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com