Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-200W Fiches technique(PDF) 4 Page - NTE Electronics

No de pièce 54-200W
Description  Waterproof Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

54-200W Fiches technique(HTML) 4 Page - NTE Electronics

  54-200W Datasheet HTML 1Page - NTE Electronics 54-200W Datasheet HTML 2Page - NTE Electronics 54-200W Datasheet HTML 3Page - NTE Electronics 54-200W Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
174
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Waterproof Rocker Switches
Illuminated & Non-Illuminated
Features
Waterproof: IP66 (Note 1)
Single and Double Pole
Available in Single and Dual Color Types
.250” Quick Connect Terminals
NTE
Type
No.
Circuitry
Action
Actuator
Diag
No.
Material
Color
Vltg
Neon
LED
54−225W*
SPST
ON
NONE
OFF
PC
Black
N/A
S113
54−226W*
DPDT
ON
NONE
ON
PC
Black
N/A
S113
54−227W*
SPDT
ON
NONE
ON
PC
Black
N/A
S113
54−228W*
SPDT
ON
OFF
ON
PC
Black
N/A
S113
54−229W*
DPDT
ON
OFF
ON
PC
Black
N/A
S113
54−230W
SPST
ON
NONE
OFF
PC
Red
AC
S113
54−231W
SPST
ON
NONE
OFF
PC
Red
DC
S113
54−232W
SPST
ON
NONE
OFF
PC
Green
AC
S113
54−233W
SPST
ON
NONE
OFF
PC
Green
DC
S113
54−234W
SPST
ON
NONE
OFF
PC
Blue
AC
S113
54−235W
SPST
ON
NONE
OFF
PC
Blue
DC
S113
54-238W#
SPDT
ON
NONE
ON
PC
Rd/Gn
AC
S113
54−239W
SPDT
ON
NONE
ON
PC
Rd/Gn
DC
S113
54−240W
SPDT
ON
OFF
ON
PC
Rd/Gn
AC
S113
54−241W
SPDT
ON
OFF
ON
PC
Rd/Gn
DC
S113
54−246W
SPDT
ON
NONE
ON
PC
Rd/Rd
AC
S113
54−247W
SPDT
ON
NONE
ON
PC
Rd/Rd
DC
S113
54−248W
SPDT
ON
OFF
ON
PC
Rd/Rd
AC
S113
54−249W
SPDT
ON
OFF
ON
PC
Rd/Rd
DC
S113
54−250W*
DPDT
(ON)
OFF
(ON)
PV
Black
N/A
S113
* Designates Non−Illuminated Type
SPECIAL NOTE: ( ) = Momentary Function
Note 1: 54−241W is IP56
S113
Mounting Hole
Panel Thickness
Y
.030 (.750) − .049 (1.25)
1.441(36.6)
.049 (1.25) − .079 (2.00)
1.449 (36.8)
Table 1.
.835 (21.2)
Y
.079 (2.00) − .118 (3.00)
1.457 (37.0)
1.823 (46.0)
.984 (25.0)
.406
(10.3)
1.106
(28.1)
.441
(11.2)
.250 (6.35)
.087
(2.2)
Wiring Diagram
Lamp Indicator
5
4
6
2
3
SPST
SPDT
Lamp Indicators (2)
5
4
6
2
3
1
Specifications
Current Rating: 21A 14VDC
Current Rating: # 20A, 125VAC (54−238W Only)
Lamp Voltage: 110V Neon (AC) & 12V LED (DC)
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: +32 to +149 F (0 to +65 C)
Electrical Life: 10,000 cycles
Mechanical Life: 50,000 cycles at full load
Terminal Type: .250” Tab Q.C.
Mounting Hole: See Table 1


Numéro de pièce similaire - 54-200W

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
54-2271 MOLEX7-54-2271 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Bottom Contact Style, 22 Circuits, Lead-free, Gold (Au)Plating
More results

Description similaire - 54-200W

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
   ROCKER SWITCHES
logo
NTE Electronics
54-870 NTE-54-870 Datasheet
3Mb / 4P
   Rocker Switches
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com