Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAB116010R0KE Fiches technique(PDF) 2 Page - Ohmite Mfg. Co.

No de pièce BAB116010R0KE
Description  Aluminum Cased Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

BAB116010R0KE Fiches technique(HTML) 2 Page - Ohmite Mfg. Co.

  BAB116010R0KE Datasheet HTML 1Page - Ohmite Mfg. Co. BAB116010R0KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
129
D i M en S ion S
BA Series
Aluminum Cased Resistor
or D erin G in F or MAtion
L1
H
L
ø0.24" / 6.2mm
W
2.80"
71mm
3.15 ~ 3.31"
80 ~ 84mm
Ø 0.166"
BB1 style
BA1 style
4.33"
110mm
BB2 style
BA2 style
Ø 0.166"
W
L1
L
H
5.49"
139.5mm
5.49"
139.5mm
3.43"
87.1mm
ø 0.23" / 5.8mm (M5 X0.8)
W
1.61"
40.9mm
1.34"
34mm
L
12ga., 600v
L1
H
Ø 0.196"
BB3 style
BA3 style
BA C 1160100RK N E
Series
B = block
aluminum
Length
(mm)
Termination
A = wire leads
B = solid terminals
Tolerance
K = ±10%
Resistance
RoHS
Compliant
Thermal switch
C = 160°
B = 250°
Form
1 = extrusion
Non-inductive
BA1 and BB1
BA2 and BB2
BA3 and BB3
Type
L*
L1
W
H
BA1 6.3" / 160mm
10" / 254mm
4.92" / 95mm 1.18" / 30mm
BB1 6.3" / 160mm
4.92" / 95mm 1.18" / 30mm
BA2 12.6" / 320mm 31.5" / 800mm 3.94" / 100mm 1.18" / 30mm
BB2 12.6" / 320mm
3.94" / 100mm 1.18" / 30mm
BA3 10.5" / 266mm 12" / 304.8mm
5" / 127mm 2.13" / 54.1mm
BB3 10.5" / 266mm
5" / 127mm 2.13" / 54.1mm
* Custom Lengths for Different Wattages
Standard part numbers
BAB1160R500KE
BAB11601R00KE
BAB11602R00KE
BAB116010R0KE
BAB116025R0KE
BAB232010R0KE
BAB232025R0KE
BAB232050R0KE
BAB32666R00KE
BAB326610R0KE
BAB326615R0KE
BAB326622R0KE
BAB326650R0KE
rev 10/17-1


Numéro de pièce similaire - BAB116010R0KE

FabricantNo de pièceFiches techniqueDescription
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
   Wire-to-wire
logo
List of Unclassifed Man...
BAB-P-ALUM ETC2-BAB-P-ALUM Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
BAB-P-ALUMCL ETC2-BAB-P-ALUMCL Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
BAB-P-M269 ETC2-BAB-P-M269 Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
BAB-P-M269ULTRA ETC2-BAB-P-M269ULTRA Datasheet
5Mb / 64P
   T O TA L L A M P S O LU T I O N S
More results

Description similaire - BAB116010R0KE

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VACR VISHAY-VACR Datasheet
0Kb / 2P
   Aluminum Housed Compact Resistor
logo
List of Unclassifed Man...
223J25PP460R ETC1-223J25PP460R Datasheet
123Kb / 1P
   POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
logo
Stackpole Electronics, ...
KAL SEI-KAL Datasheet
338Kb / 5P
   Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
   Aluminum Housed Surface Mount Resistor
logo
Vishay Siliconix
VACR VISHAY-VACR_V01 Datasheet
124Kb / 5P
   Aluminum Housed Compact Wirewound Resistor
01-Jan-2022
logo
TDK Electronics
ZGB-01U TDK-ZGB-01U Datasheet
56Kb / 2P
   EMC Filters for AC Power Supply Cased (Compact Size)
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
logo
RFE international
NRHA250W-10R-J RFE-NRHA250W-10R-J Datasheet
95Kb / 1P
   POWER RESISTORS RHA Series: Aluminum Housed Resistor
logo
List of Unclassifed Man...
MC14730 ETC2-MC14730 Datasheet
281Kb / 1P
   RoHS Compliant Chassis Mount Aluminum Hosed Resistor
logo
Vishay Siliconix
232266296209 VISHAY-232266296209 Datasheet
191Kb / 8P
   PTC Thermistors For Degaussing, Dual, Mono And Double Mono Cased
Revision: 10-Oct-03
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com