Moteur de recherche de fiches techniques de composants électroniques |
|
AGB3303 Fiches technique(PDF) 4 Page - ANADIGICS, Inc |
|
AGB3303 Fiches technique(HTML) 4 Page - ANADIGICS, Inc |
4 / 8 page 4 Data Sheet - Rev 2.0 10/2003 AGB3303 Table 4: Electrical Specifications (TA = +25 °C, VSUPPLY = +8 VDC, 50W system) Notes: (1) OIP3 is measured with two tones at 1 MHz spacing at 0 dBm output power per tone. (2) The value for Thermal Resistance is based on a Device Voltage (VCC) of +5.0 Volts. 3. Performance as measured on ANADIGICS test fixture (see Figure 3). Figure 3: Application Circuit ( 50W Terminations) CC AGB3303 RF Choke DC Block DC Block Bypass RF Input RF Output SUPPLY 38 W 0.01 F m 100 nH 0.01 F m 0.01 F m 100 pF 10 pF V V R E T E M A R A P N I M P Y T X A M T I N U S ( n i a G 1 2 ) z H M 0 5 8 z H M 0 5 9 1 z H M 0 4 1 2 z H M 0 5 4 2 0 . 9 1 - - - 8 . 0 2 6 . 8 1 2 . 8 1 6 . 7 1 5 . 1 2 - - - B d 3 P I t u p t u O ) 1 ( z H M 0 5 8 z H M 0 5 9 1 z H M 0 4 1 2 z H M 0 5 4 2 5 . 5 3 + - - - 4 . 9 3 + 2 . 0 4 + 2 . 1 4 + 0 . 0 4 + - - - - m B d ) B d 1 P ( n o i s s e r p m o C B d 1 t u p t u O z H M 0 5 8 z H M 0 5 9 1 - - 9 1 + 9 1 + - - m B d e r u g i F e s i o N z H M 0 5 8- 0 . 45 . 5B d ( e c n a t s i s e R l a m r e h T UJC) )2 ( -0 4 1- W / C ° I( t n e rr u C y l p p u S C C )0 77 70 9A m |
Numéro de pièce similaire - AGB3303 |
|
Description similaire - AGB3303 |