Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4216 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADF4216
Description  Dual RF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4216 Fiches technique(HTML) 5 Page - Analog Devices

  ADF4216 Datasheet HTML 1Page - Analog Devices ADF4216 Datasheet HTML 2Page - Analog Devices ADF4216 Datasheet HTML 3Page - Analog Devices ADF4216 Datasheet HTML 4Page - Analog Devices ADF4216 Datasheet HTML 5Page - Analog Devices ADF4216 Datasheet HTML 6Page - Analog Devices ADF4216 Datasheet HTML 7Page - Analog Devices ADF4216 Datasheet HTML 8Page - Analog Devices ADF4216 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADF4216/ADF4217/ADF4218
–5–
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic
Function
1VDD1
Positive Power Supply for the RF Section. Decoupling capacitors to the analog ground plane should be
placed as close as possible to this pin. VDD1 should have a value of between 2.7 V and 5.5 V. VDD1 must
have the same potential as VDD2.
2VP1
Power Supply for the RF Charge Pump. This should be greater than or equal to VDD.
3CPRF
Output from the RF Charge Pump. When enabled this provides
±ICP to the external loop filter, which in
turn drives the external VCO.
4
DGNDRF
Ground Pin for the RF Digital Circuitry.
5RFINA
Input to the RF Prescaler. This low-level input signal is normally ac-coupled to the external VCO.
6RFINB
Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with a small
bypass capacitor, typically 100 pF.
7
AGNDRF
Ground Pin for the RF Analog Circuitry.
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resis-
tance of 100 k
Ω. This input can be driven from a TTL or CMOS crystal oscillator or it can be ac-coupled.
9
DGNDIF
Ground Pin for the IF Digital (Interface and Control Circuitry).
10
MUXOUT
This multiplexer output allows either the IF/RF lock detect, the scaled RF, or the scaled Reference Fre-
quency to be accessed externally. See Table V.
11
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the 22-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is
a high impedance CMOS input.
13
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of
the four latches, the latch being selected using the control bits.
14
AGNDIF
Ground Pin for the IF Analog Circuitry.
15
IFINB
Complementary Input to the IF Prescaler. This point should be decoupled to the ground plane with a small
bypass capacitor, typically 100 pF.
16
IFINA
Input to the IF Prescaler. This low-level input signal is normally ac-coupled to the external VCO.
17
DGNDIF
Ground Pin for the IF Digital, Interface, and Control Circuitry.
18
CPIF
Output from the IF Charge Pump. When enabled this provides
±ICP to the external loop filter, which in turn
drives the external VCO.
19
VP2
Power Supply for the IF Charge Pump. This should be greater than or equal to VDD.
20
VDD2
Positive Power Supply for the IF, Interface, and Oscillator Sections. Decoupling capacitors to the analog
ground plane should be placed as close as possible to this pin. VDD2 should have a value of between 2.7 V
and 5.5 V. VDD2 must have the same potential as VDD1.
PIN CONFIGURATION
REF
IN
CLK
DATA
LE
MUXOUT
RF
INA
CP
RF
AGND
RF
RF
INB
V
DD1
DGND
RF
V
DD2
V
P1
DGND
IF
AGND
IF
IF
INB
IF
INA
DGND
IF
CP
IF
V
P2
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TSSOP
ADF4216/
ADF4217/
ADF4218


Numéro de pièce similaire - ADF4216

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210BCP AD-ADF4210BCP Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210BRU AD-ADF4210BRU Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211 AD-ADF4211 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

Description similaire - ADF4216

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com