Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD2504 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD2504
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2504 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD2504 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2504 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2504 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2504
2
SJC00267DED
IC  IB
VCE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
0
160
40
120
80
0
800
600
200
400
Ambient temperature T
a (°C)
012
10
8
26
4
0
4.0
3.5
3.0
2.5
2.0
1.0
0.5
1.5
Ta
= 25°C
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
IB
= 10 mA
Collector-emitter voltage V
CE (V)
0
1.4
1.2
1.0
0.8
0.2
0.6
0.4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE
= 2 V
Ta
= 85°C
25
°C
−25°C
Base-emitter voltage V
BE (V)
0
1.2
1.0
0.8
0.2
0.6
0.4
0
0.5
0.4
0.2
0.3
0.1
VCE
= 2 V
Ta
= 25°C
Base current I
B (mA)
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB
= 30
25
°C
−25°C
Ta
= 85°C
Collector current I
C (A)
0.001
0.1
1
100
0.01
10
0
800
700
600
500
400
200
100
300
VCE
= 2 V
Ta
= 85°C
25
°C
−25°C
Collector current I
C (A)
1
5
10
15
20
25
30
10
1 000
100
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN0F256 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5845 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
2SC5788 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MT6L03AE TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1  2  3  Toshiba Semiconductor
2SD0874A Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
XN06501 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
UP03390 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
XP01554 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn