Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2K60-72 Fiches technique(PDF) 1 Page - Nova Electric. All Rights Reserved.

No de pièce GS2K60-72
Description  PURE-SINEWAVE DC-AC INVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NOVA [Nova Electric. All Rights Reserved.]
Site Internet  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

GS2K60-72 Fiches technique(HTML) 1 Page - Nova Electric. All Rights Reserved.

  GS2K60-72 Datasheet HTML 1Page - Nova Electric. All Rights Reserved. GS2K60-72 Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.novaelectric.com
novasales@theallpower.com
NOVA ELEC
CT
TRIC
NOVA ELECTRIC
RUGGED
RUGGED
RUGGED
A Leader in DC-AC Inverter Technology since 1966 - 120VA to 35+KVA
MADE IN USA
GALAXY SERIES
GALAXY SERIES
TM
PURE-SINEWAVE DC-AC INVERTERS
PURE-SINEWAVE DC-AC INVERTERS
PURE-SINEWAVE DC-AC INVERTERS
Input:
Input:
62-84 VDC
62-84 VDC
Output: 120V or 220V 1Ø
Output: 120V or 220V 1Ø
50, 60, or 400 Hz
50, 60, or 400 Hz
Power: 120 VA - 35+ KVA
Power: 120 VA - 35+ KVA
Utilizing field proven technology, this family of rugged
pure sinewave DC-AC Inverters is suitable for harsh
environments and can be customized for unique
applications including:
Utilizing field proven technology, this family of rugged
pure sinewave DC-AC Inverters is suitable for harsh
environments and can be customized for unique
applications including:
Shelters
Rail
Tactical Systems
Ground support
MIL-STD-810
S
S
S
O
ON
N
O
O
O
O
T
AT
A
CA
CA
C
C
LL
P
P
P
P
P
P
P
A
A
A
A
LIC
C
N
N
N
II
T
T
ICA
I
LL
A
AP
P
PP
PLICATIO
A
N
N
A
LICATI
S
S
APP
S
A
A
AAPPLICATIONS
APPLICATIONS
Utility Applications
Mobile Systems
MIL-STD-167
MIL-STD-461


Numéro de pièce similaire - GS2K60-72

FabricantNo de pièceFiches techniqueDescription
logo
Nova Electric. All Righ...
GS2K60-120 NOVA-GS2K60-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results

Description similaire - GS2K60-72

FabricantNo de pièceFiches techniqueDescription
logo
Nova Electric. All Righ...
CGD3.5K NOVA-CGD3.5K Datasheet
497Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP2K NOVA-CGP2K Datasheet
485Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
G5060-240 NOVA-G5060-240 Datasheet
499Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
RCGL3K-24-120 NOVA-RCGL3K-24-120 Datasheet
626Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-72 NOVA-GH5060-72 Datasheet
470Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP3K NOVA-CGP3K Datasheet
495Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
1260-120 NOVA-1260-120 Datasheet
292Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com