Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE399 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE399
Description  Silicon NPN Transistor High Voltage Video Amp (Compl to NTE2366)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE399 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE399 Datasheet HTML 1Page - NTE Electronics NTE399 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE399
Silicon NPN Transistor
High Voltage Video Amp
(Compl to NTE2366)
Absolute Maximum Ratings:
Collector–Base Voltage, VCBO
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
300mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation, PC
900mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB = 200V, IE = 0
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 6V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 10V, IC = 5mA
100
220
Current Gain–Bandwidth Product
fT
VCB = 30V, IC = 10mA
50
MHz
Output Capacitance
Cob
VCB = 10V, f = 1MHz
7.5
pF
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 20mA, IB = 2mA
0.6
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 20mA, IB = 2mA
1.0
V


Numéro de pièce similaire - NTE399

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE39 NTE-NTE39 Datasheet
19Kb / 2P
   Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator (Compl to NTE157)
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE391 NTE-NTE391 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE393 NTE-NTE393 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
More results

Description similaire - NTE399

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE2366 NTE-NTE2366 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Video Amp (Compl to NTE399)
NTE2430 NTE-NTE2430 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch (Compl to NTE2431)
NTE2412 NTE-NTE2412 Datasheet
19Kb / 2P
   Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
NTE157 NTE-NTE157 Datasheet
23Kb / 2P
   Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
NTE2431 NTE-NTE2431 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Switch (Compl to NTE2430)
NTE2411 NTE-NTE2411 Datasheet
22Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
NTE228A NTE-NTE228A Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage Amp, Video Output
NTE227 NTE-NTE227 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage Amp, Video Output
NTE2413 NTE-NTE2413 Datasheet
20Kb / 2P
   Silicon PNP Transistor General Purpose, High Voltage Amp, (Compl to NTE2412)
NTE2406 NTE-NTE2406 Datasheet
26Kb / 3P
   Silicon NPN Transistor General Purpose Amp, Surface Mount (Compl to NTE2407)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com