Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCWW5SG Fiches technique(PDF) 10 Page - OSRAM GmbH

No de pièce LCWW5SG
Description  white SMD package, colored diffused silicone resin
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SG Fiches technique(HTML) 10 Page - OSRAM GmbH

Back Button LCWW5SG Datasheet HTML 6Page - OSRAM GmbH LCWW5SG Datasheet HTML 7Page - OSRAM GmbH LCWW5SG Datasheet HTML 8Page - OSRAM GmbH LCWW5SG Datasheet HTML 9Page - OSRAM GmbH LCWW5SG Datasheet HTML 10Page - OSRAM GmbH LCWW5SG Datasheet HTML 11Page - OSRAM GmbH LCWW5SG Datasheet HTML 12Page - OSRAM GmbH LCWW5SG Datasheet HTML 13Page - OSRAM GmbH LCWW5SG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LCW W5SG
2008-07-07
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
The emitter die exhibits excellent performance but
slight package discoloration occurs at highest
temperatures.The median lifetime depends on the
application
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
OHL02093
0
0
20
40
60
80 ˚C 100
mA
F
I
temp. solder point
T
S
S
T
100
200
300
400
500
600
10
P
0.2
10
10
0
-5
10
10
-4
-3
10
-2
-1
0.5
1
IF
A
t
D
0.005
0.01
0.1
0.02
0.05
=
T
D =
P
t
10
10
t
0
p
1 s
2
T
IF
OHL01399
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Exemplarische durchschnittliche
2) Seite 17
Lebensdauer für mittlere Helligkeitsgruppe
Exemplary median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 250 mA
T
S = 25°C
50.000
Betriebsstunden
operating hours
I
F = 350 mA
T
S = 85°C
10.000
Betriebsstunden
operating hours
I
F = 500 mA
T
S = 125°C
T
J = 150°C
1.000
Betriebsstunden
operating hours
I
F = 500 mA
T
S = 150°C
T
J = 175°C
100
Betriebsstunden
operating hours
10
P
0.2
10
10
0
-5
10
10
-4
-3
10
-2
-1
0.5
1
IF
A
t
D
0.005
0.01
0.1
0.02
0.05
=
T
D =
P
t
10
10
t
0
p
1 s
2
T
IF
OHL01470
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6


Numéro de pièce similaire - LCWW5SG

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
LCWW5SM-JXKX-4U9X OSRAM-LCWW5SM-JXKX-4U9X Datasheet
800Kb / 26P
   Furniture Lighting
LCWW5SM-JXKX-4U9X OSRAM-LCWW5SM-JXKX-4U9X Datasheet
839Kb / 26P
   Furniture Lighting
LCWW5SM-JXKY-4O9Q OSRAM-LCWW5SM-JXKY-4O9Q Datasheet
800Kb / 26P
   Furniture Lighting
LCWW5SM-JXKY-4O9Q OSRAM-LCWW5SM-JXKY-4O9Q Datasheet
839Kb / 26P
   Furniture Lighting
More results

Description similaire - LCWW5SG

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LWW5SG OSRAM-LWW5SG Datasheet
306Kb / 17P
   white SMD package, colored diffused silicone resin
LCW-W5SG OSRAM-LCW-W5SG Datasheet
595Kb / 17P
   white SMD package, colored diffused silicone resin
LW-W5SG OSRAM-LW-W5SG Datasheet
306Kb / 17P
   white SMD package, colored diffused silicone resin
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com