Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCWW5KM Fiches technique(PDF) 6 Page - OSRAM GmbH

No de pièce LCWW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5KM Fiches technique(HTML) 6 Page - OSRAM GmbH

Back Button LCWW5KM Datasheet HTML 2Page - OSRAM GmbH LCWW5KM Datasheet HTML 3Page - OSRAM GmbH LCWW5KM Datasheet HTML 4Page - OSRAM GmbH LCWW5KM Datasheet HTML 5Page - OSRAM GmbH LCWW5KM Datasheet HTML 6Page - OSRAM GmbH LCWW5KM Datasheet HTML 7Page - OSRAM GmbH LCWW5KM Datasheet HTML 8Page - OSRAM GmbH LCWW5KM Datasheet HTML 9Page - OSRAM GmbH LCWW5KM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2009-11-02
6
LCW W5KM
Farbtemperatur 2700 K
Color temperature 2700K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4U
0.433
0.380
6V
0.448
0.400
8W
0.464
0.420
0.437
0.389
0.453
0.409
0.469
0.429
0.443
0.391
0.459
0.410
0.475
0.430
0.438
0.381
0.453
0.401
0.470
0.421
5U
0.437
0.389
7V
0.453
0.409
9W
0.469
0.429
0.442
0.398
0.458
0.418
0.474
0.438
0.448
0.400
0.464
0.420
0.480
0.440
0.443
0.391
0.459
0.410
0.475
0.430
6U
0.442
0.398
8V
0.458
0.418
4X
0.448
0.384
0.447
0.408
0.462
0.427
0.454
0.393
0.453
0.409
0.469
0.429
0.459
0.394
0.448
0.400
0.464
0.420
0.454
0.385
7U
0.447
0.408
9V
0.462
0.427
5X
0.454
0.393
0.451
0.417
0.467
0.437
0.459
0.402
0.458
0.418
0.474
0.438
0.465
0.404
0.453
0.409
0.469
0.429
0.459
0.394
8U
0.451
0.417
4W
0.443
0.383
6X
0.459
0.402
0.456
0.426
0.448
0.392
0.464
0.412
0.462
0.427
0.454
0.393
0.470
0.413
0.458
0.418
0.448
0.384
0.465
0.404
9U
0.456
0.426
5W
0.448
0.392
7X
0.464
0.412
0.461
0.435
0.453
0.401
0.470
0.421
0.467
0.437
0.459
0.402
0.476
0.423
0.462
0.427
0.454
0.393
0.470
0.413
4V
0.438
0.381
6W
0.453
0.401
8X
0.470
0.421
0.443
0.391
0.459
0.410
0.475
0.430
0.448
0.392
0.464
0.412
0.481
0.432
0.443
0.383
0.459
0.402
0.476
0.423
5V
0.443
0.391
7W
0.459
0.410
9X
0.475
0.430
0.448
0.400
0.464
0.420
0.480
0.440
0.453
0.401
0.470
0.421
0.487
0.441
0.448
0.392
0.464
0.412
0.481
0.432


Numéro de pièce similaire - LCWW5KM

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCWW5AP OSRAM-LCWW5AP Datasheet
748Kb / 22P
   dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
LCWW5SG OSRAM-LCWW5SG Datasheet
595Kb / 17P
   white SMD package, colored diffused silicone resin
LCWW5SM OSRAM-LCWW5SM Datasheet
839Kb / 26P
   Furniture Lighting
More results

Description similaire - LCWW5KM

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LUWW5KM OSRAM-LUWW5KM Datasheet
315Kb / 17P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LUW-W5KM OSRAM-LUW-W5KM Datasheet
315Kb / 17P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LCW-W5KM OSRAM-LCW-W5KM Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
LDW51M OSRAM-LDW51M Datasheet
283Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LD-W5KM OSRAM-LD-W5KM Datasheet
617Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LR-W5KM OSRAM-LR-W5KM Datasheet
299Kb / 15P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LDW5KM OSRAM-LDW5KM Datasheet
617Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LRW5KM OSRAM-LRW5KM Datasheet
299Kb / 15P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LD-W51M OSRAM-LD-W51M Datasheet
283Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LCWW51M OSRAM-LCWW51M Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin with optic, chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com