Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512N Fiches technique(PDF) 2 Page - Cypress Semiconductor

No de pièce S29GL512N
Description  512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512N Fiches technique(HTML) 2 Page - Cypress Semiconductor

  S29GL512N Datasheet HTML 1Page - Cypress Semiconductor S29GL512N Datasheet HTML 2Page - Cypress Semiconductor S29GL512N Datasheet HTML 3Page - Cypress Semiconductor S29GL512N Datasheet HTML 4Page - Cypress Semiconductor S29GL512N Datasheet HTML 5Page - Cypress Semiconductor S29GL512N Datasheet HTML 6Page - Cypress Semiconductor S29GL512N Datasheet HTML 7Page - Cypress Semiconductor S29GL512N Datasheet HTML 8Page - Cypress Semiconductor S29GL512N Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Document Number: 002-01522 Rev. *B
Page 2 of 92
S29GL512N
S29GL256N
S29GL128N
General Description
The S29GL512/256/128N family of devices are 3.0V single power flash memory manufactured using 110 nm
MirrorBit technology.
The S29GL512N is a 512 Mbit, organized as 33,554,432 words or 67,108,864 bytes. The S29GL256N is a 256 Mbit, organized as
16,777,216 words or 33,554,432 bytes. The S29GL128N is a 128 Mbit, organized as 8,388,608 words or 16,777,216 bytes. The
devices have a 16-bit wide data bus that can also function as an 8-bit wide data bus by using the BYTE# input. The device can be
programmed either in the host system or in standard EPROM programmers.
Access times as fast as 90 ns (S29GL128N, S29GL256N), 100 ns (S29GL512N) are available. Note that each access time has a
specific operating voltage range (VCC) and an I/O voltage range (VIO), as specified in the Product Selector Guide on page 4 and the
Ordering Information on page 9
. The devices are offered in a 56-pin TSOP or 64-ball Fortified BGA package. Each device has
separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and write functions. In addition to a VCC input, a high-
voltage accelerated program (WP#/ACC) input provides shorter programming times through increased current. This feature is
intended to facilitate factory throughput during system production, but may also be used in the field if desired.
The devices are entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to
the device using standard microprocessor write timing. Write cycles also internally latch addresses and data needed for the
programming and erase operations.
The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other
sectors. The device is fully erased when shipped from the factory.
Device programming and erasure are initiated through command sequences. Once a program or erase operation has begun, the
host system need only poll the DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy# (RY/BY#) output to
determine whether the operation is complete. To facilitate programming, an Unlock Bypass mode reduces command sequence
overhead by requiring only two write cycles to program data instead of four.
The Enhanced VersatileI/O™ (VIO) control allows the host system to set the voltage levels that the device generates and tolerates
on all input levels (address, chip control, and DQ input levels) to the same voltage level that is asserted on the VIO pin. This allows
the device to operate in a 1.8 V or 3 V system environment as required.
Hardware data protection
measures include a low VCC detector that automatically inhibits write operations during power
transitions. Persistent Sector Protection provides in-system, command-enabled protection of any combination of sectors using a
single power supply at VCC. Password Sector Protection prevents unauthorized write and erase operations in any combination of
sectors through a user-defined 64-bit password.
The Erase Suspend/Erase Resume feature allows the host system to pause an erase operation in a given sector to read or
program any other sector and then complete the erase operation. The Program Suspend/Program Resume feature enables the
host system to pause a program operation in a given sector to read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the device, after which it is then ready for a new
operation. The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the device, enabling the
host system to read boot-up firmware from the Flash memory device.
The device reduces power consumption in the standby mode when it detects specific voltage levels on CE# and RESET#, or when
addresses have been stable for a specified period of time.
The Secured Silicon Sector provides a 128-word/256-byte area for code or data that can be permanently protected. Once this
sector is protected, no further changes within the sector can occur.
The Write Protect (WP#/ACC) feature protects the first or last sector by asserting a logic low on the WP# pin.
MirrorBit flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality,
reliability and cost effectiveness. The device electrically erases all bits within a sector simultaneously via hot-hole assisted erase.
The data is programmed using hot electron injection.


Numéro de pièce similaire - S29GL512N

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512N

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
   1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com