Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29GL512N Fiches technique(PDF) 38 Page - Cypress Semiconductor

No de pièce S29GL512N
Description  512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL512N Fiches technique(HTML) 38 Page - Cypress Semiconductor

Back Button S29GL512N Datasheet HTML 34Page - Cypress Semiconductor S29GL512N Datasheet HTML 35Page - Cypress Semiconductor S29GL512N Datasheet HTML 36Page - Cypress Semiconductor S29GL512N Datasheet HTML 37Page - Cypress Semiconductor S29GL512N Datasheet HTML 38Page - Cypress Semiconductor S29GL512N Datasheet HTML 39Page - Cypress Semiconductor S29GL512N Datasheet HTML 40Page - Cypress Semiconductor S29GL512N Datasheet HTML 41Page - Cypress Semiconductor S29GL512N Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
Document Number: 002-01522 Rev. *B
Page 38 of 92
S29GL512N
S29GL256N
S29GL128N
7.15
Password Sector Protection
The Password Sector Protection method allows an even higher level of security than the Persistent Sector Protection method. There
are two main differences between the Persistent Sector Protection and the Password Sector Protection methods:
When the device is first powered on, or comes out of a reset cycle, the PPB Lock Bit is set to the locked state, or the freeze state,
rather than cleared to the unlocked state, or the unfreeze state.
The only means to clear and unfreeze the PPB Lock Bit is by writing a unique 64-bit Password to the device.
The Password Sector Protection method is otherwise identical to the Persistent Sector Protection method.
A 64-bit password is the only additional tool utilized in this method.
The password is stored in a one-time programmable (OTP) region outside of the flash memory. Once the Password Protection Mode
Lock Bit is set, the password is permanently set with no means to read, program, or erase it. The password is used to clear and
unfreeze the PPB Lock Bit. The Password Unlock command must be written to the flash, along with a password. The flash device
internally compares the given password with the pre-programmed password. If they match, the PPB Lock Bit is cleared to the
unfreezed state
, and the PPB bits can be altered. If they do not match, the flash device does nothing. There is a built-in 2 µs delay
for each password check after the valid 64-bit password is entered for the PPB Lock Bit to be cleared to the “unfreezed state”. This
delay is intended to thwart any efforts to run a program that tries all possible combinations in order to crack the password.
7.16
Password and Password Protection Mode Lock Bit
In order to select the Password Sector Protection method, the customer must first program the password. The factory recommends
that the password be somehow correlated to the unique Electronic Serial Number (ESN) of the particular flash device. Each ESN is
different for every flash device; therefore each password should be different for every flash device. While programming in the
password region, the customer may perform Password Read operations. Once the desired password is programmed in, the
customer must then set the Password Protection Mode Lock Bit. This operation achieves two objectives:
1. It permanently sets the device to operate using the Password Protection Mode. It is not possible to reverse this function.
2. It also disables all further commands to the password region. All program, and read operations are ignored.
Both of these objectives are important, and if not carefully considered, may lead to unrecoverable errors. The user must be sure that
the Password Sector Protection method is desired when programming the Password Protection Mode Lock Bit. More importantly,
the user must be sure that the password is correct when the Password Protection Mode Lock Bit is programmed. Due to the fact that
read operations are disabled, there is no means to read what the password is afterwards. If the password is lost after programming
the Password Protection Mode Lock Bit, there is no way to clear and unfreeze the PPB Lock Bit. The Password Protection Mode
Lock Bit, once programmed, prevents reading the 64-bit password on the DQ bus and further password programming. The
Password Protection Mode Lock Bit is not erasable. Once Password Protection Mode Lock Bit is programmed, the Persistent
Protection Mode Lock Bit is disabled from programming, guaranteeing that no changes to the protection scheme are allowed.
7.17
64-bit Password
The 64-bit Password is located in its own memory space and is accessible through the use of the Password Program and Password
Read commands. The password function works in conjunction with the Password Protection Mode Lock Bit, which when
programmed, prevents the Password Read command from reading the contents of the password on the pins of the device.
7.18
Persistent Protection Bit Lock (PPB Lock Bit)
A global volatile bit. The PPB Lock Bit is a volatile bit that reflects the state of the Password Protection Mode Lock Bit after power-up
reset. If the Password Protection Mode Lock Bit is also programmed after programming the Password, the Password Unlock
command must be issued to clear and unfreeze the PPB Lock Bit after a hardware reset (RESET# asserted) or a power-up reset.
Successful execution of the Password Unlock command clears and unfreezes the PPB Lock Bit, allowing for sector PPB bits to be
modified. Without issuing the Password Unlock command, while asserting RESET#, taking the device through a power-on reset, or
issuing the PPB Lock Bit Set command sets the PPB Lock Bit to a the “freeze state”.
If the Password Protection Mode Lock Bit is not programmed, the device defaults to Persistent Protection Mode. In the Persistent
Protection Mode, the PPB Lock Bit is cleared to the unfreeze state after power-up or hardware reset. The PPB Lock Bit is set to the
freeze state
by issuing the PPB Lock Bit Set command. Once set to the freeze state the only means for clearing the PPB Lock Bit to


Numéro de pièce similaire - S29GL512N

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Description similaire - S29GL512N

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
   1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
logo
SPANSION
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com