Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD199E6327 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce SD199E6327
Description  For Hyperband TV / VTR tuners, Bd I
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SD199E6327 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  SD199E6327 Datasheet HTML 1Page - Infineon Technologies AG SD199E6327 Datasheet HTML 2Page - Infineon Technologies AG SD199E6327 Datasheet HTML 3Page - Infineon Technologies AG SD199E6327 Datasheet HTML 4Page - Infineon Technologies AG SD199E6327 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007-03-28
3
SD199E6327
Diode capacitance CT = ƒ (VR)
f
= 1MHz
10
EHD07045
C
T
R
V
-1
0
10
1
10
2
10
V
0
10
20
30
40
50
60
70
80
90
pF
100
Temperature coefficient of the diode
capacitance TCc = ƒ (VR)
10
0
10
1
10
2
V
VR
-5
10
-4
10
-3
10
1/°C
Reverse current IR = ƒ (TA)
VR = 28 V
0
10
20
30
40
50
60
70
80
°C
100
TA
0
50
100
150
200
pA
300
Reverse current IR = ƒ(VR)
TA = Parameter
0
4
8
12
16
20
24
V
30
VR
-13
10
-12
10
-11
10
-10
10
-9
10
0°C
25°C
85°C


Numéro de pièce similaire - SD199E6327

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
SD1994-1-9 WINCHESTER-SD1994-1-9 Datasheet
65Kb / 1P
   RECEPTACLE, BULKHEAD, TRB
SD1994-3-5 WINCHESTER-SD1994-3-5 Datasheet
75Kb / 1P
   RECEPTACLE, BULKHEAD, (3 STUD) TRB
SD1995-14-5 WINCHESTER-SD1995-14-5 Datasheet
57Kb / 1P
   PLUG, TRB
SD1995-3-9 WINCHESTER-SD1995-3-9 Datasheet
743Kb / 2P
   BNC TRIAXIAL PLUG (3 STUD)
SD1996-14-5 WINCHESTER-SD1996-14-5 Datasheet
99Kb / 1P
   PLUG, ANGLE, TRB, (3 SLOT)
More results

Description similaire - SD199E6327

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BB620 SIEMENS-BB620 Datasheet
30Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
BB640 SIEMENS-BB640 Datasheet
26Kb / 2P
   Silicon Variable Capacitance Diode (For Hyperband TV/VTR tuners, Bd I)
logo
Infineon Technologies A...
BA892-02VE6327 INFINEON-BA892-02VE6327 Datasheet
976Kb / 11P
   For band switching in TV/VTR tuners and mobile applications
2011-07-21
logo
NXP Semiconductors
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
   Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
logo
Infineon Technologies A...
BB555E7902 INFINEON-BB555E7902 Datasheet
911Kb / 9P
   For UHF-TV-tuners
2011-06-15
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
logo
List of Unclassifed Man...
LTH ETC2-LTH Datasheet
140Kb / 1P
   CERAMIC FOR FILTER TV/VTR
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com