Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR24C08 Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce LR24C08
Description  Two-Wire Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C08 Fiches technique(HTML) 3 Page - Leshan Radio Company

  LR24C08 Datasheet HTML 1Page - Leshan Radio Company LR24C08 Datasheet HTML 2Page - Leshan Radio Company LR24C08 Datasheet HTML 3Page - Leshan Radio Company LR24C08 Datasheet HTML 4Page - Leshan Radio Company LR24C08 Datasheet HTML 5Page - Leshan Radio Company LR24C08 Datasheet HTML 6Page - Leshan Radio Company LR24C08 Datasheet HTML 7Page - Leshan Radio Company LR24C08 Datasheet HTML 8Page - Leshan Radio Company LR24C08 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ground (GND). When the Write Protection pin is connected to Vcc, the write protection feature
is enabled and operates as shown in the following Table 2.
WP Pin Status
LR24C08
At VCC
Full Array
At GND
Normal Read/Write Operations
Functional Description
1. Memory Organization
LR24C08, 8K SERIAL EEPROM:
Internally organized with 64 pages of 16 bytes each, the 8K
requires a 10-bit data word address for random word addressing.
2. Device Operation
CLOCK and DATA TRANSITIONS:
The SDA pin is normally pulled high with an external device. Data
on the SDA pin may change only during SCL low time periods (see Figure 2). Data changes
during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION:
A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command (see Figure 3).
STOP CONDITION:
A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command will place the EEPROM in a standby power mode (see Figure 3).
ACKNOWLEDGE:
All addresses and data words are serially transmitted to and from the EEPROM
in 8-bit words. The EEPROM sends a "0" to acknowledge that it has received each word. This
happens during the ninth clock cycle.
STANDBY MODE:
The LR24C08 features a low-power standby mode which is enabled: (a) upon
power-up and (b) after the receipt of the STOP bit and the completion of any internal
operations.
MEMORY RESET:
After an interruption in protocol, power loss or system reset, any two-wire part
can be reset by following these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high.
3. Create a start condition.
LESHAN RADIO COMPANY, LTD.
V2.1
3/16


Numéro de pièce similaire - LR24C08

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
More results

Description similaire - LR24C08

FabricantNo de pièceFiches techniqueDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com