Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC5255 Fiches technique(PDF) 53 Page - Active-Semi, Inc

No de pièce PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Fiches technique(HTML) 53 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 49Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 50Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 51Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 52Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 53Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 54Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 55Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 56Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 57Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
PAC5255
Power Application Controller
14.4. Electrical Characteristics
Table 28. Memory System Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
Embedded FLASH
tREAD;FLASH
FLASH read time
40
ns
tWRITE;FLASH
FLASH write time
20
μs
tPERASE;FLASH
FLASH page erase time
10
ms
NPERASE;FLASH FLASH program/erase cycles
100k
cycles
tDR;FLASH
FLASH data retention
10
years
SRAM
tSRAM
SRAM access cycle time
20
ns
- 53 -
Rev 1.10‒March 3, 2018


Numéro de pièce similaire - PAC5255_18

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Description similaire - PAC5255_18

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com