Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC5255 Fiches technique(PDF) 21 Page - Active-Semi, Inc

No de pièce PAC5255
Description  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Fiches technique(HTML) 21 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 17Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 18Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 19Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 20Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 21Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 22Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 23Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 24Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
PAC5255
Power Application Controller
10. MULTI-MODE POWER MANAGER (MMPM)
10.1. Features
Multi-mode switching supply controller configurable as high voltage or ultra-high-voltage buck, flyback AC/DC
DC supply up to 52V or line AC input
4 linear regulators with power and hibernate management
Power and temperature monitor, warning, and fault detection
10.2. Block Diagram
10.3. Functional Description
The Multi-Mode Power Manager (Figure 10-1) is optimized to efficiently provide "all-in-one" power management required
by the PAC and associated application circuitry from a wide range of input power sources. It incorporates a dedicated multi-
mode switching supply (MMSS) controller operable as a buck, flyback, or boost converter to efficiently convert power
from a DC or AC input source to generate a main supply output VP. Four linear regulators provide VSYS, VCCIO, VCC33, and
VCC18 supplies for 5V system, 5V or 3.3V I/O, 3.3V mixed signal, and 1.8V microcontroller core circuitry. The power
manager also handles system functions including internal reference generation, timers, hibernate mode management, and
power and temperature monitoring.
10.3.1. Multi-Mode Switching Supply (MMSS) Controller
The MMSS controller drives an external power transistor for pulse-width modulation switching of an inductor or
transformer for power conversion. The DRM output drives the gate of the n-channel MOSFET or the base of the NPN
between the VHM on state and VSSP off state at proper duty cycle and switching frequency to ensure that the main supply
voltage VP is regulated. The VP regulation voltage is initially set to 15V during start up, and can be reconfigured to be 12V
- 21 -
Rev 1.10‒March 3, 2018
Figure 10-1. Multi-Mode Power Manager
IMOD
DAC
CSM
CURR
SENSE
DRM
DRIVER
MULTI-MODE POWER MANAGER
VHM
VSSP
PWM
LOGIC
ERROR
AMP
LINEAR
REG
VCCIO
LINEAR
REG
VCC33
LINEAR
REG
VCC18
SYSTEM
SUPPLY
REG
VOLTAGE
SETTING
VP
REGO
VSYS
COMP &
CURR LIMIT
CLAMP
ERROR
COMP
MULTI-MODE SWITCHING
SUPPLY CONTROLLER
POWER
OK & OVP
START UP &
MODE CTRL
1.2V
HIBERNATE
2.5V V
REF
TIMERS
POWER
& TEMP
MON
VSSA
VSS
V
MON
V
THREF
V
TEMP


Numéro de pièce similaire - PAC5255_18

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Description similaire - PAC5255_18

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com