Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT8870QJ-T Fiches technique(PDF) 12 Page - Active-Semi, Inc

No de pièce ACT8870QJ-T
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Fiches technique(HTML) 12 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 10Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 11Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 12Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 13Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 14Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
12
Dynamic Voltage Scaling Rate
B1_SLEW=00 (not allowed)
B1_SLEW=01
B1_SLEW=10
B1_SLEW=11
N/A
14.0
3.50
0.88
mV/us
Switching Rise / Fall Times
B1_DRVADJ=00 VIN_B1 = 5V
B1_DRVADJ=01
B1_DRVADJ=10
B1_DRVADJ=11
6.3/9.0
4.5/7.4
3.1/5.9
3.0/5.0
ns
Discharge Resistance
Enabled when regulator disabled
2.75
4.4
8.75


Numéro de pièce similaire - ACT8870QJ-T

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Description similaire - ACT8870QJ-T

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com