Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT510X Fiches technique(PDF) 12 Page - Active-Semi, Inc

No de pièce ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Fiches technique(HTML) 12 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 8Page - Active-Semi, Inc ACT510X Datasheet HTML 9Page - Active-Semi, Inc ACT510X Datasheet HTML 10Page - Active-Semi, Inc ACT510X Datasheet HTML 11Page - Active-Semi, Inc ACT510X Datasheet HTML 12Page - Active-Semi, Inc ACT510X Datasheet HTML 13Page - Active-Semi, Inc ACT510X Datasheet HTML 14Page - Active-Semi, Inc ACT510X Datasheet HTML 15Page - Active-Semi, Inc ACT510X Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
12
3. Device Power Up
3.1.Power-On-Reset (POR)
When VIN or VOUT is above 3.9V, the I2C bus is ready for communication and the VREF LDO is enabled. All registers are
reset to the default value as listed in the register map.
3.2.HIZ Mode
The device goes into HIZ mode when EN is pin HI, or HIZ Register 0x00 Bit 7 is set HI. At HIZ mode, the internal bias
circuits are enabled, all registers are accessible and ADC functions can be enabled. If the VREG_EN Register 0x01 Bit 2
is HI, then the VREG LDO will be enabled.
3.3.VREG LDO
The VREG LDO is powered from VIN or VOUT with a smart active diode selector circuit.
To reduce power dissipation, the VREG LDO will be powered from the lower of the VIN or VOUT. However, if the lower
supply cannot provide the headroom needed to regulate VREG output, it will select the higher supply.
This smart diode selector can be overridden and manual control can be selected using the VREG_OVERRIDE and
VREG_SELECT Registers 0x0B, bits 1:0.
The VREG is enabled when all the conditions are valid:
VIN or VOUT above UVLO (3.9V)
VREG_DIS Register is bit is set LO (Register 0x01 Bit 2)
This register bit can be programmed from the factor to be HI or LO depending on the application requirements
The voltage of VREG LDO can be set by Register 0x11 [7:3] between 2V to 5.1V. The maximum output current is 100mA.
If VREG LDO is overloaded or not within spec, converter will be shut down, and VREG_OC_UVLO fault bit Register 0x05
Bit 4 is set.
Additionally, if the VREG_LDO is held in current limit for more than 50usec, it will shut down for 100msec to prevent damage.
It will then re-try to start after 100msec. It will continue this cycle until the current limit condition is removed. Additionally,
there is a UVLO detection for the VREG output set at 88%.
If the VREG output is in current limit, or below the UVLO threshold, the converter will be in a Fault state or Reset state and
not operate. This can be overwritten with DIS_ VREG_FLT Register 0x10 Bit 1.
To reduce inrush current, a 250usec soft-start is included. For stability, a 1uF ceramic capacitor is required on the output.
4. Host Mode and Default Mode
The ACT510x is a host controlled device, but it can operate in default mode without host management. In default mode,
ACT510x can be used an autonomous converter with no host or with host in sleep. In this mode, the WATCHDOG[1:0]
Register 0x01 Bits 1:0 must be set LO to disable the watchdog timer. Additional register bits may need to be set to allow
this mode.
5. Converter Operation
The ACT510x can be enabled if the conditions are valid (see operating states for further details):
1. EN Pin is Low or EN_OVERRIDE bit is HI
2. HIZ Register bit is low
3. EN Register bit is HI
The output voltage can be set by the internal resistor divider or the feedback resistor divider on the FB pin using the
VOUT_I2C Register 0X13 [3]. When the internal resistor divider network is used, the output voltage can be changed by


Numéro de pièce similaire - ACT510X

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

Description similaire - ACT510X

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com